Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF23F010A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELF23F010A
Description  Dimensions in mm not to scale Recommended PWB piercing plan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF23F010A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELF23F010A Datasheet HTML 1Page - Panasonic Semiconductor ELF23F010A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Line Filters
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ELF18D607
ELF607
68.0
1.739
0.5
ELF18D614
ELF614
1.8
0.062
2.8
ELF18D615
ELF615
39.0
1.075
0.7
ELF18D610
ELF610
1.5
0.058
3.1
ELF18D618
ELF618
27.0
0.708
0.8
ELF18D608
ELF608
1.0
0.045
3.4
ELF18D612
ELF612
22.0
0.540
1.0
ELF18D624F
ELF624F
33.0
0.707
0.8
ELF18D602
ELF602
8.2
0.226
1.7
ELF18D606F
ELF606F
18.0
0.331
1.2
ELF18D603
ELF603
5.6
0.155
1.8
ELF18D609F
ELF609F
12.0
0.226
1.6
ELF18D604
ELF604
4.7
0.125
2.0
ELF18D601F
ELF601F
10.0
0.214
1.6
ELF18D613
ELF613
3.9
0.104
2.2
ELF18D603F
ELF603F
5.6
0.111
2.2
ELF18D605
ELF605
3.3
0.087
2.5
ELF18D604F
ELF604F
4.7
0.087
2.5
ELF18D611
ELF611
2.7
0.082
2.6
ELF18D617F
ELF617F
2.2
0.058
2.8
ELF23F003A
23F003A
50.0
2.989
0.3
ELF23F010A
23F010A
5.0
0.328
1.0
ELF23F004A
23F004A
30.0
1.770
0.4
ELF23F012A
23F012A
3.5
0.258
1.2
ELF23F005A
23F005A
20.0
1.219
0.5
ELF23F014A
23F014A
2.5
0.177
1.4
ELF23F906A
23F906A
14.0
0.949
0.6
ELF23F016A
23F016A
2.0
0.156
1.6
ELF23F007A
23F007A
10.0
0.704
0.7
ELF23F018A
23F018A
1.5
0.130
1.8
ELF23F008A
23F008A
8.0
0.590
0.8
ELF23F020A
23F020A
1.2
0.107
2.0
ELF23F009A
23F009A
6.0
0.468
0.9
ELF23F022A
23F022A
1.0
0.097
2.2
Inductance
]
DCR(W)
Current
Inductance
]
DCR(W)
Current
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
(Tol ±20 %)
max.
(Tol.±20 %)
max.
Examples
]
DC Resistance
Inductance
]
DCR(W)
Current
Inductance
]
DCR(W)
Current
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
(Tol ±20 %)
max.
(Tol.±20 %)
max.
Examples
]
DC Resistance
n Series H
l Type 600
Dimensions in mm (not to scale)
Recommended PWB piercing plan
n Series F
l Type 23F
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Marking
4-B0.8±0.1
4-B1.2±0.1
24.0±0.5
28.5±1.0
20.0±0.5
29.0±1.0
24.0±0.1

!
"
16.0±0.5
4ÐB0.8±0.1
24 max.
10.0±0.5
23 max.
16.0±0.1
4ÐB1.2±0.1
Marking

!
"


Similar Part No. - ELF23F010A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF23F010A PANASONIC-ELF23F010A Datasheet
35Kb / 1P
   Line Filters
More results

Similar Description - ELF23F010A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF-21N016A PANASONIC-ELF-21N016A Datasheet
71Kb / 2P
   Recommended PWB piercing plan
ELF-24V035A PANASONIC-ELF-24V035A Datasheet
84Kb / 3P
   Recommended PWB piercing plan
ELF-18D225 PANASONIC-ELF-18D225 Datasheet
84Kb / 3P
   Dimensions in mm (not to scale)
ELF-15N015A PANASONIC-ELF-15N015A Datasheet
71Kb / 2P
   Dimensions in mm (not to scale)
ELF-18D850X PANASONIC-ELF-18D850X Datasheet
122Kb / 3P
   Dimensions in mm (not to scale)
ELF11M16M PANASONIC-ELF11M16M Datasheet
47Kb / 1P
   Dimensions in mm (not to scale)
logo
Pran Electronics Pvt. L...
JP-S1-8P8C-2P PRAN-JP-S1-8P8C-2P Datasheet
245Kb / 1P
   DRAWING NOT TO SCALE
11/07/2016
logo
Panasonic Semiconductor
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
logo
Hammond Manufacturing L...
1418B6 HAMMOND-1418B6 Datasheet
217Kb / 1P
   Isometric drawing Not to Scale
logo
TRIAD MAGNETICS
AX97 TRIAD-AX97 Datasheet
188Kb / 3P
   OUTLINE DIMENSIONS/RECOMMENDED PCB LAYOUT(inch/mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com