Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8B Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # KBU8B
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

KBU8B Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  KBU8B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd KBU8B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
KBU8A THRU KBU8M
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE-50 to 1000 Volts CURRENT-8.0 Amperes
FEATURES
•Low leakage
•Low forward voltage
•Surge overload rating: 250 Amperes peak
•High temperature soldering : 260
OC / 10 seconds at terminals
•Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•Case:Molded plastic
•Epoxy: UL 94V-0 rate flame retardant
•Lead: MIL-STD-202E,Method 208 guaranteed
•Polarity: Symbols molded or marked on body
•Mounting position: Any
•Weight: 4.8 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
KBU8A
KBU8B
KBU8D
KBU8G
KBU8J
KBU8K
KBU8M
SYMBOL
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Output Current at TC =
75℃
IO
8.0
Amps
Peak Forward Surge Current 8.3 ms single half
sine-wave
superimposed on rated load
IFSM
250
Amps
Maximum Forward Voltage Drop per element at 8.0A
DC
VF
1.0
Volts
@TA = 25℃
5
Maximum DC Reverse Current at
Rated DC Blocking Voltage per
element
@TA = 100℃
IR
500
µAmp
I2t Rating for Fusing(t<8.3ms)
I2t
127
A2Sec
Typical Junction Capacitance(Note1)
CJ
186
pF
Typical Thermal Resistance(Note2)
RθJA
10
℃/W
Operating Temperature Range
TJ ,TSTG
-55 to + 150
NOTES: 1.Measured at 1 MHz and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to Ambient and from junction to leadmounted on P.C.B with 0.47x0.47”(12x12mm) copper plate.
47;fpr489N
.94>fpr;4=N/
JQNG UJSV
TRCEKP
.760(19.3)
.660(16.8)
.260(6.6)
0.089(3.6)
MAX
Unit:inch(mm)
RS-6
KBU
PARAMETER


Similar Part No. - KBU8B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU8B PANJIT-KBU8B Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU8B BILIN-KBU8B Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
KBU8B BILIN-KBU8B Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
America Semiconductor, ...
KBU8B AMERICASEMI-KBU8B Datasheet
583Kb / 2P
   BRIDGE RECTIFIERS
logo
Semtech Corporation
KBU8B SEMTECH-KBU8B Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU8B

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
DB151 DCCOM-DB151 Datasheet
377Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBK25A DCCOM-KBK25A Datasheet
453Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBU10A DCCOM-KBU10A Datasheet
392Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com