Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELL6PM2R7N Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELL6PM2R7N
Description  SMD Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6PM2R7N Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELL6PM2R7N Datasheet HTML 1Page - Panasonic Semiconductor ELL6PM2R7N Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Choke coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1.80
7.00
1.10
1.40±0.30
1.50
6.00±0.50
2.25±0.30
2.25±0.30
Marking
Date code
H
(L)
!! 
6GM
2.0 max.
1.6 max.
H
(1.30)
(1.15)
(L)
6PM
E
1
L
2
L
3
6
4
G
5
M
6
2
7
2
89
M
10
11
0
Product Code
Option
Inductance, Tolerance
Inductance
Tolerance
Structure
Outer size Height
Choke Coil(magnetic shielded type)
Series
M
ELL
Height (mm)
G
1.6 max.
101® 100 µH
4R7® 4.7 µH
P
2.0 max.
±20 %
±30 %
Singapore
Features
Magnetic shielded structure
Low DC resistance and large current capability
Shock resistant
Available on tape and reel for automatic insertion
Recommended Applications
DC/DC converter circuitry for computer peripherals
and cellular hand sets.
Chopper circuit decoupling chokes in DC/DC
converter circuitry
Explanation of Part Numbers
Type ELL6
1M
Dimensions in mm (not to scale)
Recommended Land Pattern in mm
(not to scale)
Series:
M
Type:
ELL61M
SMD Choke Coils
Standard Packing Quantity
1000 pcs./Reel
Mar. 2005


Similar Part No. - ELL6PM2R7N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ELL6PM3R3N ONSEMI-ELL6PM3R3N Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results

Similar Description - ELL6PM2R7N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL5PS100M PANASONIC-ELL5PS100M Datasheet
114Kb / 2P
   SMD Choke Coils
ELL6SH220M PANASONIC-ELL6SH220M_05 Datasheet
152Kb / 2P
   SMD Choke Coils
ELL-6PG100M PANASONIC-ELL-6PG100M Datasheet
122Kb / 2P
   SMD Choke Coils
logo
Panasonic Battery Group
ELLATV1R5N PANASONICBATTERY-ELLATV1R5N Datasheet
62Kb / 2P
   SMD Choke Coils
logo
Panasonic Semiconductor
ELL6SH220M PANASONIC-ELL6SH220M Datasheet
225Kb / 2P
   SMD Choke Coils
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
   SMD COMMON MODE CHOKE COILS
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com