Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFC1J390 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EEUFC1J390
Description  Aluminum Electrolytic Capacitors/ FC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1J390 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button EEUFC1J390 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1J390 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1J390 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1J390 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1J390 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1J390 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1J390 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1J390 Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1J390 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FC
– EEE-70 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
50
1.0
5
11
20
2.4001000
0.50
2.05.0
2.5
EEUFC1H1R0( )
200
2000
2.2
5
11
45
1.800
1000
0.50
2.0
5.0
2.5
EEUFC1H2R2( )
200
2000
3.3
5
11
65
1.3001000
0.50
2.05.0
2.5
EEUFC1H3R3( )
200
2000
4.7
5
11
95
1.300
1000
0.50
2.0
5.0
2.5
EEUFC1H4R7( )
200
2000
10
4
11
90
2.500
1000
0.45
1.5
5.0
2.5
EEUFC1H100( )
200
2000
5
11
125
1.300
1000
0.50
2.05.0
2.5
EEUFC1H100L( )
200
2000
12
5
11
135
1.300
1000
0.50
2.05.0
2.5
EEUFC1H120( )
200
2000
15
5
11
145
1.300
1000
0.50
2.05.0
2.5
EEUFC1H150( )
200
2000
18
5
11
155
1.300
1000
0.50
2.05.0
2.5
EEUFC1H180( )
200
2000
22
5
11
155
1.300
1000
0.50
2.05.0
2.5
EEUFC1H220( )
200
2000
27
5
15
215
0.900
1000
0.50
2.05.0
2.5
EEUFC1H270( )
200
2000
33
6.3
11.2
260
0.600
1000
0.50
2.5
5.0
2.5
EEUFC1H330( )
200
2000
39
6.3
11.2
260
0.600
1000
0.50
2.5
5.0
2.5
EEUFC1H390( )
200
2000
47
6.3
11.2
260
0.600
1000
0.50
2.5
5.0
2.5
EEUFC1H470( )
200
2000
56
6.3
15
360
0.400
1000
0.50
2.5
5.0
2.5
EEUFC1H560( )
200
2000
68
8
11.5
485
0.234
2000
0.60
3.5
5.0
EEUFC1H680( )
200
1000
82
8
11.5
485
0.234
2000
0.60
3.5
5.0
EEUFC1H820( )
200
1000
100
10
12.5
615
0.162
3000
0.60
5.0
5.0
EEUFC1H101( )
200
500
120
8
15
635
0.155
2000
0.60
3.5
5.0
EEUFC1H121L( )
200
1000
10
12.5
615
0.162
3000
0.60
5.0
5.0
EEUFC1H121( )
200
500
150
10
16
850
0.119
3000
0.60
5.0
5.0
EEUFC1H151( )
200
500
180
8
20
860
0.120
2000
0.60
3.5
5.0
EEUFC1H181L( )
200
1000
10
16
850
0.119
3000
0.60
5.0
5.0
EEUFC1H181( )
200
500
220
10
20
1030
0.090
3000
0.60
5.0
5.0
EEUFC1H221( )
200
500
12.5
15
1150
0.110
5000
0.60
5.0
5.0
EEUFC1H221S( )
200
500
270
10
25
1200
0.082
3000
0.60
5.0
5.0
EEUFC1H271( )
200
500
330
10
30
1610
0.060
3000
0.60
5.0
EEUFC1H331L
100
12.5
20
1480
0.063
5000
0.60
5.0
5.0
EEUFC1H331( )
200
500
390
12.5
20
1480
0.063
5000
0.60
5.0
5.0
EEUFC1H391( )
200
500
16
15
1610
0.080
5000
0.80
7.5
7.5
EEUFC1H391S( )
100
250
470
10
30
1610
0.060
3000
0.60
5.0
EEUFC1H471L
100
12.5
25
1832
0.050
5000
0.60
5.0
5.0
EEUFC1H471( )
200
500
560
12.5
25
1832
0.050
5000
0.60
5.0
5.0
EEUFC1H561( )
200
500
18
15
1900
0.068
5000
0.80
7.5
7.5
EEUFC1H561S( )
100
250
680
12.5
30
2215
0.040
5000
0.80
5.0
EEUFC1H681L
100
16
20
1835
0.048
5000
0.80
7.5
7.5
EEUFC1H681( )
100
250
820
12.5
35
2285
0.034
5000
0.80
5.0
EEUFC1H821L
100
18
20
2420
0.042
5000
0.80
7.5
7.5
EEUFC1H821( )
100
250
1000
12.5
40
2590
0.030
5000
0.80
5.0
EEUFC1H102L
100
16
25
2235
0.034
5000
0.80
7.5
7.5
EEUFC1H102( )
100
250
1200
16
31.5
2700
0.028
5000
0.80
7.5
EEUFC1H122
100
18
25
2610
0.029
5000
0.80
7.5
7.5
EEUFC1H122S( )
100
250
1500
16
35.5
2790
0.025
5000
0.80
7.5
EEUFC1H152L
100
1800
16
40
2845
0.023
5000
0.80
7.5
EEUFC1H182L
100
18
31.5
3000
0.025
5000
0.80
7.5
EEUFC1H182
50
2200
18
35.5
3100
0.023
5000
0.80
7.5
EEUFC1H222
50
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C
φ4 to φ6.3=1000 h, φ8=2000 h, φ10=3000 h, φ12.5 to φ18=5000 h
00 Nov. 2012


Similar Part No. - EEUFC1J390

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1J390 PANASONIC-EEUFC1J390 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1J390B PANASONIC-EEUFC1J390B Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1J390H PANASONIC-EEUFC1J390H Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
More results

Similar Description - EEUFC1J390

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com