Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ4V7 Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # LZ4V7
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

LZ4V7 Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  LZ4V7 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd LZ4V7 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd LZ4V7 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd LZ4V7 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.yeashin.com
4
REV.02 20120305
DEVICE CHARACTERISTICS
0
100
200
300
400
500
600
0
40
80
120
160
200
Temperature [℃]
Ta = 25℃
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VF - Forw ard Voltage [m V]
PD = 500mW
Ta = 25℃
0.001
0.1
10
1000
0
5
10
15
20
25
30
35
40
VZ - Reverse Voltage [V]
f = 1MHz
Ta = 25
1
10
100
1000
0
5
10
15
20
25
30
35
40
VZ - Reverse Voltage [V]
VR = 0V
VR = 2V
VR = 5V
VR = 20V
Ta = 25
0.01
1
100
10000
0
5
10
15
20
25
30
35
40
VZ - Reverse Voltage [V]
Iz=10mA
Iz=5mA
Iz=2mA
Iz=1mA
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance
Figure 5. Reverse Current vs. Reverse Voltage
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage
LZ2V2A/B~LZ39A/B/C/D Series


Similar Part No. - LZ4V7

ManufacturerPart #DatasheetDescription
logo
ams AG
LZ4-00A108 AMSCO-LZ4-00A108 Datasheet
1Mb / 22P
   Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.7 2022-06-09
LZ4-00A108-0000 AMSCO-LZ4-00A108-0000 Datasheet
1Mb / 22P
   Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.7 2022-06-09
LZ4-00MC08 AMSCO-LZ4-00MC08 Datasheet
2Mb / 27P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.3 2023-07-12
LZ4-00MC08-0000_G2 AMSCO-LZ4-00MC08-0000_G2 Datasheet
2Mb / 27P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.3 2023-07-12
LZ4-00R108 AMSCO-LZ4-00R108 Datasheet
1Mb / 20P
   Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.9 2021-07-07
More results

Similar Description - LZ4V7

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com