Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFM1H471 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUFM1H471
Description  Aluminum Electrolytic Capacitors FM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFM1H471 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFM1H471 Datasheet HTML 1Page - Panasonic Semiconductor EEUFM1H471 Datasheet HTML 2Page - Panasonic Semiconductor EEUFM1H471 Datasheet HTML 3Page - Panasonic Semiconductor EEUFM1H471 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FM
– EEE-81 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
Imped-
ance
(100 kHz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Long
Lead
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
25
47
5
11
280
0.300
2000
0.5
2.0
5.0
2.5
EEUFM1E470( )
200
2000
100
6.3
11.2
455
0.130
2000
0.5
2.5
5.0
2.5
EEUFM1E101( )
200
2000
220
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM1E221( )
200
1000
330
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM1E331L( )
200
1000
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM1E331( )
200
500
470
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM1E471L( )
200
1000
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM1E471( )
200
500
680
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM1E681( )
200
500
820
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM1E821L( )
200
500
1000
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM1E102( )
200
500
1500
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM1E152( )
200
500
1800
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM1E182L
100
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM1E182S( )
100
250
2200
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM1E222L
100
2700
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM1E272( )
100
250
35
33
5
11
280
0.300
2000
0.5
2.0
5.0
2.5
EEUFM1V330( )
200
2000
68
6.3
11.2
455
0.130
2000
0.5
2.5
5.0
2.5
EEUFM1V680( )
200
2000
150
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM1V151( )
200
1000
220
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM1V221L( )
200
1000
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM1V221( )
200
500
330
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM1V331L( )
200
1000
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM1V331( )
200
500
470
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM1V471( )
200
500
560
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM1V561L( )
200
500
680
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM1V681( )
200
500
1000
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM1V102( )
200
500
1200
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM1V122L
100
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM1V122S( )
100
250
1500
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM1V152L
100
1800
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM1V182( )
100
250
50
22
5
11
250
0.340
2000
0.5
2.0
5.0
2.5
EEUFM1H220( )
200
2000
56
6.3
11.2
405
0.140
2000
0.5
2.5
5.0
2.5
EEUFM1H560( )
200
2000
100
8
11.5
870
0.061
3000
0.6
3.5
5.0
EEUFM1H101( )
200
1000
120
8
15
1140
0.045
3000
0.6
3.5
5.0
EEUFM1H121L( )
200
1000
150
10
12.5
1170
0.042
4000
0.6
5.0
5.0
EEUFM1H151( )
200
500
180
8
20
1430
0.033
4000
0.6
3.5
5.0
EEUFM1H181L( )
200
1000
220
10
16
1650
0.030
4000
0.6
5.0
5.0
EEUFM1H221( )
200
500
270
10
20
1890
0.023
5000
0.6
5.0
5.0
EEUFM1H271( )
200
500
330
10
25
2150
0.022
5000
0.6
5.0
5.0
EEUFM1H331L( )
200
500
470
12.5
20
2260
0.022
5000
0.6
5.0
5.0
EEUFM1H471( )
200
500
560
12.5
25
2660
0.018
7000
0.6
5.0
5.0
EEUFM1H561( )
200
500
680
12.5
30
3160
0.016
7000
0.8
5.0
EEUFM1H681L
100
820
12.5
35
3270
0.014
7000
0.8
5.0
EEUFM1H821L
100
16
20
2870
0.019
5000
0.8
7.5
7.5
EEUFM1H821S( )
100
250
1000
16
25
3320
0.016
7000
0.8
7.5
7.5
EEUFM1H102( )
100
250
· When requesting taped product, please put the letter "B" of "H" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
00 Nov. 2012


Similar Part No. - EEUFM1H471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM1H471 PANASONIC-EEUFM1H471 Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
EEUFM1H471 PANASONIC-EEUFM1H471 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1H471 PANASONIC-EEUFM1H471 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM1H471 PANASONIC-EEUFM1H471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors FM
logo
Pacific Silicon Sensor,...
EEUFM1H471 PACIFIC-EEUFM1H471 Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM
More results

Similar Description - EEUFM1H471

ManufacturerPart #DatasheetDescription
logo
Pacific Silicon Sensor,...
EEU-FM1E222L PACIFIC-EEU-FM1E222L Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM
logo
Panasonic Semiconductor
EEU-FM1A102L PANASONIC-EEU-FM1A102L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E331 PANASONIC-EEU-FM1E331 Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1A471 PANASONIC-EEU-FM1A471 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E101 PANASONIC-EEU-FM1E101 Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V151B PANASONIC-EEU-FM1V151B Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEU-FM1E471 PANASONIC-EEU-FM1E471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1E221BJ PANASONIC-EEU-FM1E221BJ Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V471 PANASONIC-EEU-FM1V471 Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEU-FM1V331L PANASONIC-EEU-FM1V331L Datasheet
107Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com