Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET02LD1V31PE1 Datasheet(PDF) 1 Page - C&K Components

Part # ET02LD1V31PE1
Description  Sealed Subminiature Toggle Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ET02LD1V31PE1 Datasheet(HTML) 1 Page - C&K Components

  ET02LD1V31PE1 Datasheet HTML 1Page - C&K Components ET02LD1V31PE1 Datasheet HTML 2Page - C&K Components ET02LD1V31PE1 Datasheet HTML 3Page - C&K Components ET02LD1V31PE1 Datasheet HTML 4Page - C&K Components ET02LD1V31PE1 Datasheet HTML 5Page - C&K Components ET02LD1V31PE1 Datasheet HTML 6Page - C&K Components ET02LD1V31PE1 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
F–25
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
ET Series
Sealed Subminiature Toggle Switches
Features/Benefits
Sealed against solder and cleaning
process contaminants
ESD protection available
Thru-hole and surface mount models
Compact size and small footprint
save PCB space
RoHS compliant models available
Typical Applications
Hand-held telecommunications
Instrumentation
Medical equipment
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @
20 V AC or DC max. See page F-35 for additional ratings.
ELECTRICAL LIFE: ETX1 models: 60,000 make-and-break cycles at
full load. All other models: 30,000 cycles.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @ 2-4
V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
ELECTROSTATIC DISCHARGE (ESD) RESISTANT OPTION:
M3 & S3 insulating actuator only: 9,000 V DC min. @ sea level,
actuator to terminals. F1 conductive bushing only: Dissipates
up to 20,000 V DC from actuator to ground. M3 & S3 actuator
and F1 bushing options are not recommended for use together.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
DEGREE OF PROTECTION: IP57; Protection against harmful dust
deposit, full-scale voltage protection, temporary immersion.
PACKAGING: Surface mount switches are shipped in tape and reel
packaging, see page F-31 for drawings and reel information.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant, heat
stabilized (UL 94V-0) or glass filled 4/6 nylon, flame retardant, heat
stabilized (UL 94V-0). F1 conductive bushing option is impregnated
with carbon fibers.
ACTUATOR: M3 & S3 anti-static actuator: Nylon 4/6, black standard
(UL 94V-0). All other actuators: Brass, chrome plated. Internal
o-ring seal standard with all actuators.
SWITCH SUPPORT: Brass, tin plated.
CONTACTS & TERMINALS: B contact material: Copper alloy,
with gold plate over nickel plate. Q contact material: Copper
alloy, silver plated. See F-35 for additional contact materials.
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B, G, P or R contact material are RoHS compliant
and compatible.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages F–26 thru F–31. For additional options not shown in catalog, consult our Customer Service Center. All
models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function
ET01 SP, On-None-On
ET02 SPST, Off-None-On
ET03 SP, On-Off-On
ET05 SP, Mom.-Off-Mom.
ET07 SP, On-Off-Mom.
ET08 SP, On-None-Mom.
ET21 DP, On-None-On
ET23 DP, On-Off-On
ET24 DP, On-On-On
ET25 DP, Mom.-Off-Mom.
ET27 DP, On-Off-Mom.
ET28 DP, On-None-Mom.
Actuator
M
.240" high
M3 Plastic, anti-static,
.240" high
S
.400" high
L
.320" high
S1 .540" high
Terminations
A
Right angle, PC thru-hole
AV
Vertical right angle, PC thru-hole
C
PC Thru-hole
SA
Right angle, surface mount
SA1 Right angle, surface mount rear-facing
V3
Vertical mount, V-bracket
AV3 Vertical right angle, snap-in, PC thru-hole
V31 Vertical mount, V-bracket, snap-in
W
Wire wrap
Bushing
D1 .177" High, Unthreaded
F1 .177" high, unthreaded, ESD conductive
Contact Material
B Gold
P Gold, matte tin
Q Silver
S Silver/matte-tin
G Gold over silver
R Gold over silver,
matte-tin
Seal
E Epoxy
Plastic Actuator Color
NONE No actuator color
2
Black
1
White
Models Available


Similar Part No. - ET02LD1V31PE1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
ET020 SANKEN-ET020 Datasheet
27Kb / 1P
   PNPN Switch
logo
EIC discrete Semiconduc...
ET020 EIC-ET020 Datasheet
56Kb / 1P
   PNPN SWITCHES
logo
ITT Industries
ET02J1AB1 ITT-ET02J1AB1 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
ET02J1AB2 ITT-ET02J1AB2 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
ET02J1AB3 ITT-ET02J1AB3 Datasheet
765Kb / 7P
   Sealed Subminiature Rocker Switches
More results

Similar Description - ET02LD1V31PE1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
Honeywell Accelerometer...
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
   Sealed Toggle Switches
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
   Sealed Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com