Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA278R05TU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA278R05TU
Description  Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278R05TU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA278R05TU Datasheet HTML 1Page - Fairchild Semiconductor KA278R05TU Datasheet HTML 2Page - Fairchild Semiconductor KA278R05TU Datasheet HTML 3Page - Fairchild Semiconductor KA278R05TU Datasheet HTML 4Page - Fairchild Semiconductor KA278R05TU Datasheet HTML 5Page - Fairchild Semiconductor KA278R05TU Datasheet HTML 6Page - Fairchild Semiconductor KA278R05TU Datasheet HTML 7Page - Fairchild Semiconductor KA278R05TU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KA278R05
4
Typical Performance Characteristics (Continued)
Figure 7. Power Dissipation vs. Temperature(Ta)
Figure 8. Overcurrent Protection Characteristics
(Typical Value)
-25
TEMPERATURE Tj(oC)
75
125
025
50
100
15
10
5
20
0
TEMPERATURE Ta(
°C)
Temperature Ta(
°C)
Output Current(A)
3.0
5.0
01.0
2.0
4.0
80
60
20
0
40
6.0
Output Current(A)
3.0
5.0
01.0
2.0
4.0
80
60
20
0
40
6.0


Similar Part No. - KA278R05TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278R05C FAIRCHILD-KA278R05C Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278R05CTSTU FAIRCHILD-KA278R05CTSTU Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278R05CTSTU FAIRCHILD-KA278R05CTSTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278R05CTU FAIRCHILD-KA278R05CTU Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278R05CTU FAIRCHILD-KA278R05CTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results

Similar Description - KA278R05TU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com