Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2373T1P Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPA2373T1P
Description  Dual Drain common, N-channel MOSFET 24V, 6A, 23.0m
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2373T1P Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPA2373T1P Datasheet HTML 1Page - Renesas Technology Corp UPA2373T1P Datasheet HTML 2Page - Renesas Technology Corp UPA2373T1P Datasheet HTML 3Page - Renesas Technology Corp UPA2373T1P Datasheet HTML 4Page - Renesas Technology Corp UPA2373T1P Datasheet HTML 5Page - Renesas Technology Corp UPA2373T1P Datasheet HTML 6Page - Renesas Technology Corp UPA2373T1P Datasheet HTML 7Page - Renesas Technology Corp UPA2373T1P Datasheet HTML 8Page - Renesas Technology Corp UPA2373T1P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
μPA2373T1P
Chapter Title
R07DS0674EJ0101 Rev.1.01
Page 3 of 10
Aug 19, 2013
TEST CIRCUIT 5 RSS(on)
TEST CIRCUIT 6 VF(S-S)
VSS/IS
G1
S2
S1
VGS
G2
V
IS
G1
S2
S1
G2
V
VSS
When FET1 is
measured, FET2 is
added VGS + 4.5 V.
G1
S1
VGS
= 0 V
G2
V
IF
4.5 V
G1
S1
S2
G2
V
VSS
TEST CIRCUIT 7
Ciss
Coss
Crss
G1
S2
S1
G2
VSS
Capacitance
Bridge
G1
S1
G2
Capacitance
Bridge
G1
S2
S1
G2
VSS
Capacitance
Bridge
G1
S2
S1
G2
Capacitance
Bridge
G1
S2
S1
G2
VSS
Capacitance
Bridge
G1
S2
S1
G2
Capacitance
Bridge
TEST CIRCUIT 8 td(on), tr, td(off), tf
G1
S2
S1
RG
G2
V
RL
VDD
PG.
V
0
VGS
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
VSS
Wave Form
VGS
10%
90%
VGS
10%
0
VSS
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VSS
0
ton
toff
TEST CIRCUIT 9 QG
G1
S2
S1
IG = 2 mA
G2
A
RL
VDD
PG.
50
Ω
A
PG.


Similar Part No. - UPA2373T1P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2379T1P RENESAS-UPA2379T1P Datasheet
311Kb / 11P
   N-CHANNEL MOSFET FOR SWITCHING
Mar 19, 2012
UPA2379T1P-E1-A RENESAS-UPA2379T1P-E1-A Datasheet
311Kb / 11P
   N-CHANNEL MOSFET FOR SWITCHING
Mar 19, 2012
More results

Similar Description - UPA2373T1P

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOCA36116C AOSMD-AOCA36116C Datasheet
492Kb / 5P
   24V Common-Drain Dual N-Channel MOSFET
Rev.1.0: June 2020
logo
General Semiconductor
GF6968A GE-GF6968A Datasheet
152Kb / 5P
   Common-Drain Dual N-Channel MOSFET
logo
Wuxi U-NIKC Semiconduct...
PB554DY UNIKC-PB554DY Datasheet
462Kb / 5P
   Dual Common Drain N-Channel MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PKE24DB NIKOSEM-PKE24DB Datasheet
309Kb / 6P
   Dual Common Drain N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDCA0418E MGCHIP-MDCA0418E Datasheet
653Kb / 6P
   Common-Drain N-Channel Trench MOSFET 24V, 7A, 20m(ohm)
logo
Alpha & Omega Semicondu...
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
AOCR36330 AOSMD-AOCR36330 Datasheet
413Kb / 5P
   30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: March 2020
AOC3868 AOSMD-AOC3868 Datasheet
366Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
AON5816 AOSMD-AON5816 Datasheet
401Kb / 6P
   20V Common-Drain Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com