Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLZ5261B Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # LLZ5261B
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

LLZ5261B Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  LLZ5261B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd LLZ5261B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20120305
LLZ52xxB Series
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
ZZK @ IZK = 0.25mA
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
LLZ5244B
14
9
15
600
0.1
10
LLZ5245B
15
8.5
16
600
0.1
11
LLZ5246B
16
7.8
17
600
0.1
12
LLZ5247B
17
7.4
19
600
0.1
13
LLZ5248B
18
7
21
600
0.1
14
LLZ5249B
19
6.6
23
600
0.1
14
LLZ5250B
20
6.2
25
600
0.1
15
LLZ5251B
22
5.6
29
600
0.1
17
LLZ5252B
24
5.2
33
600
0.1
18
LLZ5253B
25
5
35
600
0.1
19
LLZ5254B
27
4.6
41
600
0.1
21
LLZ5255B
28
4.5
44
600
0.1
21
LLZ5256B
30
4.2
49
600
0.1
23
LLZ5257B
33
3.8
58
700
0.1
25
LLZ5258B
36
3.4
70
700
0.1
27
LLZ5259B
39
3.2
80
800
0.1
30
LLZ5258B
36
3.4
70
700
0.1
27
LLZ5259B
39
3.2
80
800
0.1
30
LLZ5260B
43
3
93
900
0.1
33
LLZ5261B
47
2.7
105
1000
0.1
36
LLZ5262B
51
2.5
125
1100
0.1
39
LLZ5263B
56
2.2
150
1300
0.1
43
VF Forward Voltage = 1.1 V Maximum @ IF = 200 mA for all types
Notes:
1.
The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of ±5% in
Blue marking, suffix A=±10% in Brown marking, C= ±2% in Orange marking and D = ±1% in Yellow marking.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Electrical Symbol Definition
Typical Characteristics
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
V
I
(mV)
(V)
(mA)
(mA)
VF
IF
VR
IR
VZ
IZT
(nA)


Similar Part No. - LLZ5261B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLZ5261B TSC-LLZ5261B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5261B TSC-LLZ5261B Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - LLZ5261B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com