Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERDS1F Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ERDS1F
Description  Carbon Film Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERDS1F Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ERDS1F Datasheet HTML 1Page - Panasonic Semiconductor ERDS1F Datasheet HTML 2Page - Panasonic Semiconductor ERDS1F Datasheet HTML 3Page - Panasonic Semiconductor ERDS1F Datasheet HTML 4Page - Panasonic Semiconductor ERDS1F Datasheet HTML 5Page - Panasonic Semiconductor ERDS1F Datasheet HTML 6Page - Panasonic Semiconductor ERDS1F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Appendix
– ER131 –
Tolerance Code
Tolerance
(%)
Examples
W
B
C
D
F
G
J
K
M
±0.05
±0.1
±0.25
±0.5
±1
±2
±5
±10
±20
W1001 : 1000
±0.05 %
B1001 : 1000
±0.1 %
C1001 : 1000
±0.25 %
D1001 : 1000
±0.5 %
F1001 : 1000
±1 %
G1001 : 1000
±2 %
J101
: 100
±5 %
K101
: 100
±10 %
M101
: 100
±20 %
Color
First digit
Second digit
Third digit
Multiplier
Resistance tolerance
%Code
Black
0
0
0
1
Brown
1
1
1
10
±1
F
Red
2
2
2
10
2
±2
G
Orange
3
3
3
10
3
±0.05
W
Yellow
4
4
4
10
4
Green
5
5
5
10
5
±0.5
D
Blue
6
6
6
10
6
±0.25
C
Violet
7
7
7
10
7
±0.1
B
Gray
8
8
8
White
9
9
9
Gold
10
–1
±5
J
Silver
10
–2
±10
K
None
±20
M
1st Color
2nd Color
3rd Color
4th Color
5th Color
Brown
(1)
Green
(5)
Yellow
(4)
Orange
(1000)
Brown
(±1 %)
1st Color
2nd Color
3rd Color
4th Color
Brown
(1)
Green
(5)
Orange
(1000)
Gold
(±5 %)
Indication example
Color code of 5 color bands
When the standard resistance value follows E48 series or
96 series, color code of the resistors are indicated by five
color bands. Example below is 154 k .
Example 1
Color code of 4 color bands
When the standard resistance value follows E6 series, 12
series or 24 series, color code of the resistors are indicated
by four color bands. Example below is 15 k .
Example 2
How to express the resistance tolerance with a Matsushita part number
The resistance tolerance is identified by a single letter in accordance with the following table and the code is placed just
before the resistance code in the following examples.
Color code indication for the resistance value and the tolerance
Fixed resistors whose resistance value and tolerance are indicated by color code follow the standard below.
Color code
Fixed Resistors
Feb. 2006


Similar Part No. - ERDS1F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERDS2TJ221T PANASONIC-ERDS2TJ221T Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
ERDS2TJ271T PANASONIC-ERDS2TJ271T Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
ERDS2TJ330T PANASONIC-ERDS2TJ330T Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
ERDS2TJ331T PANASONIC-ERDS2TJ331T Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

Similar Description - ERDS1F

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
   Carbon Film Resistors
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
   RESISTORS CARBON FILM DCR
logo
Vishay Siliconix
LCA0922 VISHAY-LCA0922 Datasheet
203Kb / 4P
   Carbon Film Resistors, Standard
Revision 03-Sep-03
logo
KOA Speer Electronics, ...
CFS14C852R103J KOA-CFS14C852R103J Datasheet
274Kb / 2P
   carbon film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com