Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQK0204TGDQATL-H Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RQK0204TGDQATL-H
Description  Silicon N Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQK0204TGDQATL-H Datasheet(HTML) 3 Page - Renesas Technology Corp

  RQK0204TGDQATL-H Datasheet HTML 1Page - Renesas Technology Corp RQK0204TGDQATL-H Datasheet HTML 2Page - Renesas Technology Corp RQK0204TGDQATL-H Datasheet HTML 3Page - Renesas Technology Corp RQK0204TGDQATL-H Datasheet HTML 4Page - Renesas Technology Corp RQK0204TGDQATL-H Datasheet HTML 5Page - Renesas Technology Corp RQK0204TGDQATL-H Datasheet HTML 6Page - Renesas Technology Corp RQK0204TGDQATL-H Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RQK0204TGDQA
Preliminary
R07DS0304EJ0400 Rev.4.00
Page 3 of 6
Mar 28, 2011
Main Characteristics
10
8
6
4
2
0
0
2
4
8
6
0.0001
0.001
0.01
1
0.1
0
0.5
1
1.5
2
2.5
3
0
0.2
0.4
0.6
0.8
1
0
50
100
150
0
0.5
1.0
1.5
–25
0
25
50
75
100 125 150
VDS = 10 V
Pulse Test
VDS = 10 V
Pulse Test
Tc = 75
°C
25
°C
–25
°C
VGS = 0 V
Pulse Test
Tc = 25
°C
1.6 V
1.8 V
2.0 V
2.2 V
2.4 V
2.6 V
2.8 V
3.0 V
3.2 V
3.4 V
5 V
5 V
7 V
10 V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
Ta = 25
°C
1 Shot Pulse
DC
Opera
tion
ID = 10 mA
1 mA
0.1 mA
Ambient Temperature Ta (
°C)
Maximum Channel Power
Dissipation Curve
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics (1)
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics (2)
Gate to Source Voltage VGS (V)
Gate to Source Cutoff Voltage vs.
Case Temperature
Case Temperature Tc (
°C)
*When using the glass epoxy board (FR-4: 40
× 40 × 1 mm)
Operation in this area
is limited by RDS(on)
0
2
4
6
8
01
2
3
4
5
Tc = –25
°C
75
°C
25
°C
VDS = 10 V
Pulse Test


Similar Part No. - RQK0204TGDQATL-H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQK0204TGDQATL-E RENESAS-RQK0204TGDQATL-E Datasheet
102Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - RQK0204TGDQATL-H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com