Electronic Components Datasheet Search |
|
2220ZC104KAZ2A Datasheet(PDF) 4 Page - AVX Corporation |
|
2220ZC104KAZ2A Datasheet(HTML) 4 Page - AVX Corporation |
4 / 5 page 49 MLCC with FLEXITERM® X8R Dielectric Capacitance Range Letter AC EG J K M N P Q XY Z Max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 Thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) PAPER EMBOSSED SIZE 0603 0805 1206 WVDC 25V 50V 25V 50V 25V 50V 271 Cap 270 G G 331 (pF) 330 G G J J 471 470 G G J J 681 680 G G J J 102 1000 G G J J J J 152 1500 G G J J J J 182 1800 G G J J J J 222 2200 G G J J J J 272 2700 G G J J J J 332 3300 G G J J J J 392 3900 G G J J J J 472 4700 G G J J J J 562 5600 G G J J J J 682 6800 G G J J J J 822 8200 G G J J J J 103 Cap 0.01 G G J J J J 123 (μF) 0.012 G G J J J J 153 0.015 G G J J J J 183 0.018 G G J J J J 223 0.022 G G J J J J 273 0.027 G G J J J J 333 0.033 G G J J J J 393 0.039 G G J J J J 473 0.047 G G J J J J 563 0.056 G N N M M 683 0.068 G N N M M 823 0.082 N N M M 104 0.1 N N M M 124 0.12 N N M M 154 0.15 N N M M 184 0.18 N M M 224 0.22 N M M 274 0.27 MM 334 0.33 MM 394 0.39 M 474 0.47 M 684 0.68 824 0.82 105 1 WVDC 25V 50V 25V 50V 25V 50V SIZE 0603 0805 1206 = AEC-Q200 Qualified |
Similar Part No. - 2220ZC104KAZ2A |
|
Similar Description - 2220ZC104KAZ2A |