Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ5V1 Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # MTZJ5V1
Description  500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MTZJ5V1 Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  MTZJ5V1 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MTZJ5V1 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MTZJ5V1 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MTZJ5V1 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.yeashin.com
3
REV.02 20120403
Electrical Characteristics T
A = 25°C unless otherwise noted
VZ@Izt
Device Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms)
Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
2.2%
20.15
20.68
21.20
B
2.5%
20.64
21.18
21.71
C
2.5%
21.08
21.63
22.17
MTZJ22V
D
2.5%
21.52
22.08
22.63
5
30
200
0.5
0.2
17
A
2.5%
22.05
22.62
23.18
B
2.5%
22.61
23.19
23.77
C
2.5%
23.12
23.72
24.31
MTZJ24V
D
2.5%
23.63
24.24
24.85
5
35
200
0.5
0.2
19
A
2.5%
24.26
24.89
25.52
B
2.5%
24.97
25.62
26.26
C
2.5%
25.63
26.29
26.95
MTZJ27V
D
2.5%
26.29
26.97
27.64
5
45
250
0.5
0.2
21
A
2.5%
26.99
27.69
28.39
B
2.5%
27.70
28.42
29.13
C
2.5%
28.36
29.09
29.82
MTZJ30V
D
2.5%
29.02
29.77
30.51
5
55
250
0.5
0.2
23
A
2.5%
29.68
30.45
31.22
B
2.5%
30.32
31.10
31.88
C
2.5%
30.90
31.70
32.50
MTZJ33V
D
2.5%
31.49
32.30
33.11
5
65
250
0.5
0.2
25
A
2.5%
32.14
32.97
33.79
B
2.5%
32.79
33.64
34.49
C
2.5%
33.40
34.27
35.13
MTZJ36V
D
2.5%
34.01
34.89
35.77
5
75
250
0.5
0.2
27
A
2.5%
34.68
35.58
36.47
B
2.5%
35.36
36.28
37.19
C
2.5%
36.00
36.93
37.85
MTZJ39V
D
2.5%
36.63
37.58
38.52
5
85
250
0.5
0.2
30
VF (forward voltage) = 1.2 V maximum @ IF = 200mA for all types
Note:
1.
The zener voltage subdivision (VZ) is measured 40mS after diode is powered up.
2.
The operating resistance (Zzt and Zzk) is measured by superimposing a minute alternation current
in the regulated current (Iz).
3.
When ordering, please specify tolerance A, B, C or D.
MTZJ2V0~39V


Similar Part No. - MTZJ5V1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ5V1 TSC-MTZJ5V1 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
MTZJ5V1 TSC-MTZJ5V1 Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZJ5V1A SEMTECH_ELEC-MTZJ5V1A Datasheet
261Kb / 4P
   ZENER DIODES
MTZJ5V1B SEMTECH_ELEC-MTZJ5V1B Datasheet
261Kb / 4P
   ZENER DIODES
MTZJ5V1C SEMTECH_ELEC-MTZJ5V1C Datasheet
261Kb / 4P
   ZENER DIODES
More results

Similar Description - MTZJ5V1

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com