Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ27V Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MMSZ27V
Description  500mW SOD-123 SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMSZ27V Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MMSZ27V Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMSZ27V Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMSZ27V Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MMSZ27V Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20110725
MMSZxxV Series
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
MMSZ22V
22VZ
20.90
22
23.10
5
51
1
235
0.045
15.4
MMSZ24V
24VZ
22.80
24
25.20
5
65
1
235
0.045
16.8
MMSZ27V
27VZ
25.65
27
28.35
5
75
0.5
282
0.045
18.9
MMSZ30V
30VZ
28.50
30
31.50
5
75
0.5
282
0.045
21.0
MMSZ33V
33VZ
31.35
33
34.65
5
75
0.5
306
0.045
23.0
MMSZ36V
36VZ
34.20
36
37.80
5
84
0.5
329
0.045
25.2
MMSZ39V
39VZ
37.05
39
40.95
5
122
0.5
329
0.045
27.3
MMSZ43V
43VZ
40.85
43
45.15
5
141
0.5
353
0.045
30.1
MMSZ47V
47VZ
44.65
47
49.35
5
160
0.5
353
0.045
33.0
MMSZ51V
51VZ
48.45
51
53.55
5
169
0.5
376
0.045
35.7
MMSZ56V
56VZ
53.20
56
58.80
5
188
0.5
400
0.045
39.2
MMSZ62V
62VZ
58.90
62
65.10
5
202
0.5
423
0.045
43.4
MMSZ68V
68VZ
64.60
68
71.40
5
226
0.5
447
0.045
47.6
MMSZ75V
75VZ
71.25
75
78.75
5
240
0.5
470
0.045
52.5
VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (VZ) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest YEASHIN representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.


Similar Part No. - MMSZ27V

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMSZ27VB YEASHIN-MMSZ27VB Datasheet
998Kb / 4P
   500mW SOD-123FL SURFACE MOUNT
logo
Tak Cheong Electronics ...
MMSZ27VBW TAK_CHEONG-MMSZ27VBW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Guangdong Kexin Industr...
MMSZ27VBW KEXIN-MMSZ27VBW Datasheet
1Mb / 3P
   Zener Diodes
logo
Shunye Enterprise
MMSZ27VBW SHUNYE-MMSZ27VBW Datasheet
336Kb / 3P
   Surface mount zener diode
logo
Guangdong Juxing Electr...
MMSZ27VBW JUXING-MMSZ27VBW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
More results

Similar Description - MMSZ27V

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
logo
Yea Shin Technology Co....
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
MMSZ52XXB SECOS-MMSZ52XXB Datasheet
465Kb / 3P
   500mW, SOD-123 Series Surface Mount Zener Diodes
logo
Shanghai Leiditech Elec...
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
logo
Tak Cheong Electronics ...
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221BW TAK_CHEONG-MMSZ5221BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com