Electronic Components Datasheet Search |
|
7101T10Y3V21BE Datasheet(PDF) 6 Page - C&K Components |
|
7101T10Y3V21BE Datasheet(HTML) 6 Page - C&K Components |
6 / 14 page F–8 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F 7000 Series Miniature Toggle Switches BUSHING PANEL MOUNTING 1/4 INCH BUSHING METRIC BUSHING 15/32 INCH BUSHING Without locking ring. With standard locking ring. With small locking ring. Without locking ring. With locking ring. Without locking ring. With standard locking ring. 15/32-32 UNS-2A 1/4-40 UNS-2A For T & T1 actuators. For actuators other than T & T1. 1/4-40 UNS-2A D8 D, D9 1/4-40 UNS-2A 1/4-40 UNS-2A 1/4-40 UNS-2A 1/4-40 UNS-2A 1/4-40 UNS-2A Y9 .350" HIGH, UNTHREADED, KEYWAY Y .350" HIGH, THREADED, KEYWAY NONE NO BUSHING D8 .280" HIGH, UNTHREADED, FLAT 3 D9 .280" HIGH, UNTHREADED, KEYWAY D .280" HIGH, THREADED, KEYWAY H .296" HIGH, FLAT THREADED, HIGH TORQUE 1,2 H3 .315" HIGH, KEYWAY THREADED, HIGH TORQUE 1,2 H4 8mm HIGH, KEYWAY, THREADED, METRIC HIGH TORQUE 1,2,3 Y1 .378" HIGH, KEYWAY, THREADED, HIGH TORQUE 1,2,4 Y3 8.9mm HIGH, KEYWAY, THREADED, METRIC Y4 .378" HIGH, FLAT, THREADED, HIGH TORQUE 1,2,5 CW THREADED, SPLASHPROOF 1,2 Y bushing standard with C, W-W5, Z or Z3 terminations. Subtract .020 (0,51) from all actuator lengths for H3 bushing. No bushing choice required with KXX, TXX actuators. (exception: Specify CW if splashproof bushing desired). D9 bushing standard with all terminations except C, W-W5, Z or Z3. Add .070 (1,78) to all actuators lengths with D, D8 & D9 bushings. IP67 Degree of protection, totally protected against dust, full-scale voltage protection, temporary immersion. Internal actuator seal standard. External bushing seal available separately from APM Hexseal, part # MFS-60064. IP67 Degree of protection, totally protected against dust, full-scale voltage protection, temporary immersion. Internal actuator seal and external bushing seal washer standard. 1 Will withstand 12 in.-lbs. of torque with no distortion. 2 CW. H, H3, H4, Y1 & Y4 bushings not available on single pole models with A4 terminations. 3 D8 & H4 bushings available only with L, L1, L2, M & S actuators. 4 Y1 bushing available only with LXP, MP, PX & SP actuators. 5 Y4 bushing not available with L4X actuators. NOTE: Two mounting nuts, locking ring and lockwasher supplied standard with threaded bushings. Black hardware is supplied when either black bushings or actuators are specified. Optional mounting nut and locking ring styles and finishes available, see Section N. NONE NICKEL on all bushings except ‘D8’ satin chrome. 2 BLACK BUSHING FINISH OPTION CODE BUSHING FINISH BUSHING |
Similar Part No. - 7101T10Y3V21BE |
|
Similar Description - 7101T10Y3V21BE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |