Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCCCC-DXS-XHHKKMN2 Datasheet(PDF) 10 Page - Cree, Inc

Part # CCCCC-DXS-XHHKKMN2
Description  5mm Round LED RoHS Compliant
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CCCCC-DXS-XHHKKMN2 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CCCCC-DXS-XHHKKMN2 Datasheet HTML 2Page - Cree, Inc CCCCC-DXS-XHHKKMN2 Datasheet HTML 3Page - Cree, Inc CCCCC-DXS-XHHKKMN2 Datasheet HTML 4Page - Cree, Inc CCCCC-DXS-XHHKKMN2 Datasheet HTML 5Page - Cree, Inc CCCCC-DXS-XHHKKMN2 Datasheet HTML 6Page - Cree, Inc CCCCC-DXS-XHHKKMN2 Datasheet HTML 7Page - Cree, Inc CCCCC-DXS-XHHKKMN2 Datasheet HTML 8Page - Cree, Inc CCCCC-DXS-XHHKKMN2 Datasheet HTML 9Page - Cree, Inc CCCCC-DXS-XHHKKMN2 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
Cree 5-mm Round LED
C503T-WTS/WTN
PACKAGING
Features:
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
The boxes are not water resistant, and they must be kept away from water and moisture.
The Bulk Pack types of packaging.
Max 500 pcs per bag.
20 bags/carton
Label
COLOR LED LAMP
JOWAXXXXX -XX-XXX
AXXXXXXXXXXX
(anti-electrostatic
bag)
Hue
TYPE
QTY
RANK
LOT
Iv
xxx xxx
Vf
(
)
XX
(
)
LXXXXXXXX-XXX
PCS
X
(
)
XX
R


Similar Part No. - CCCCC-DXS-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXS-XHHKKMN2 MARKTECH-CCCCC-DXS-XHHKKMN2 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXS-XHHKKMN2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
   5mm Round LED
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C535A MARKTECH-C535A Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C512T-WNS CREE-C512T-WNS_11 Datasheet
928Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com