Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQA0004PXTL-E Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RQA0004PXTL-E
Description  Silicon N-Channel MOS FET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0004PXTL-E Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RQA0004PXTL-E Datasheet HTML 7Page - Renesas Technology Corp RQA0004PXTL-E Datasheet HTML 8Page - Renesas Technology Corp RQA0004PXTL-E Datasheet HTML 9Page - Renesas Technology Corp RQA0004PXTL-E Datasheet HTML 10Page - Renesas Technology Corp RQA0004PXTL-E Datasheet HTML 11Page - Renesas Technology Corp RQA0004PXTL-E Datasheet HTML 12Page - Renesas Technology Corp RQA0004PXTL-E Datasheet HTML 13Page - Renesas Technology Corp RQA0004PXTL-E Datasheet HTML 14Page - Renesas Technology Corp RQA0004PXTL-E Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
RQA0004PXDQS
Preliminary
R07DS0418EJ0500 Rev.5.00
Page 11 of 18
May 09, 2012
Evaluation Circuit 4 (@VDD = 3.7 V Tuning, f = 890 to 950 MHz)
50
Ω
VDD
50
Ω
RF OUT
6.8 k
Ω
100 pF
100 pF
100 pF
100 pF
1
μF/+16V
7 pF
1
μF/+16 V
VGG
200
Ω
18 nH
1.8 nH
1000 pF
1000 pF
20 pF
RF IN
24 pF
Input Power Pin (dBm)
Input Power Pin (dBm)
Power Gain, Power Added Efficiency
vs. Input Power
Output Power, Drain Current
vs. Input Power
0
10
20
30
40
0
0.4
0.2
0.8
0.6
05
15
10
20
25
0
5
15
10
20
25
Pout
ID
VDS = 3.7 V
IDQ = 50 mA
VDS = 3.7 V
IDQ = 50 mA
0
10
20
30
40
0
20
40
60
80
PAE
PG
f = 920 MHz
f = 890 MHz
f = 920 MHz
950 MHz
890 MHz
950 MHz
920 MHz
890 MHz
950 MHz
950 MHz
920 MHz
f = 890 MHz


Similar Part No. - RQA0004PXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0004PXTL-E RENESAS-RQA0004PXTL-E Datasheet
162Kb / 13P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0004PXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com