Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2S0880 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA2S0880
Description  SPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2S0880 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA2S0880 Datasheet HTML 1Page - Fairchild Semiconductor KA2S0880 Datasheet HTML 2Page - Fairchild Semiconductor KA2S0880 Datasheet HTML 3Page - Fairchild Semiconductor KA2S0880 Datasheet HTML 4Page - Fairchild Semiconductor KA2S0880 Datasheet HTML 5Page - Fairchild Semiconductor KA2S0880 Datasheet HTML 6Page - Fairchild Semiconductor KA2S0880 Datasheet HTML 7Page - Fairchild Semiconductor KA2S0880 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KA2S0880
SPS
2
ABSOLUTE MAXIMUM RATINGS
NOTES:
1.
Tj=25
°C to 150°C
2.
Repetitive rating: Pulse width limited by maximum junction temperature
3.
L=24mH, VDD=50V, RG=25Ω, starting Tj=25°C
4.
L=13uH, VDD=330V, Tj=25°C
Characteristic
Symbol
Value
Unit
Drain-source (GND) voltage (1)
VDSS
800
V
Drain-Gate voltage (RGS=1MΩ)
VDGR
800
V
Gate-source (GND) voltage
VGS
±30
V
Drain current pulsed (2)
IDM
32.0
ADC
Single pulsed avalanche energy (3)
EAS
810
mJ
Avalanche current (4)
IAS
25
A
Continuous drain current (TC=25°C)
ID
8.0
ADC
Continuous drain current (TC=100°C)
ID
5.6
ADC
Supply voltage
VCC
30
V
Analog input voltage range
VFB
−0.3 to V
SD
V
Total power dissipation
PD (watt H/S)
190
W
Derating
1.54
W/
°C
Operating temperature
TOPR
−25 to +85
°C
Storage temperature
TSTG
−55 to +150
°C


Similar Part No. - KA2S0880

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA2S0880 ETC2-KA2S0880 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B-TU FAIRCHILD-KA2S0880B-TU Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B-YDTU FAIRCHILD-KA2S0880B-YDTU Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
More results

Similar Description - KA2S0880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0880 FAIRCHILD-KA1M0880 Datasheet
139Kb / 8P
   SPS
KA1M0280R FAIRCHILD-KA1M0280R Datasheet
99Kb / 8P
   SPS
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
   SPS
KA1H0380 FAIRCHILD-KA1H0380 Datasheet
97Kb / 8P
   SPS
KA1H0365R FAIRCHILD-KA1H0365R Datasheet
99Kb / 8P
   SPS
logo
Optoway Technology Inc
SPS-4102WG OPTOWAY-SPS-4102WG Datasheet
203Kb / 6P
   SPS-4102WG / SPS-4102BWG (RoHS Compliant)
logo
Fairchild Semiconductor
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
logo
List of Unclassifed Man...
MX34014NFA ETC2-MX34014NFA Datasheet
122Kb / 1P
   GLASS FILLED SPS
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com