Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP1CS06DWA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP1CS06DWA
Description  1250V - 100A - IGBT Application: Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP1CS06DWA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP1CS06DWA Datasheet HTML 1Page - Renesas Technology Corp RJP1CS06DWA Datasheet HTML 2Page - Renesas Technology Corp RJP1CS06DWA Datasheet HTML 3Page - Renesas Technology Corp RJP1CS06DWA Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RJP1CS06DWT/RJP1CS06DWA
Preliminary
R07DS0829EJ0100 Rev.1.00
Page 3 of 3
Jan 23, 2013
Die Dimension
Illustration
Part of white
Part of dotted line
Part of gray
Note 1.
Note 2.
The back of the chip is processed with Au evaporation.
Note 3.
Recognition, target and any other patterns which are not related to
IGBT operation, may be changed without notice.
Definition
Al pattern
Bonding area
Final passivation
8.8
7.15
1.31
5.78
Emitter bonding pad (1)
Emitter bonding pad (3)
Emitter bonding pad (2)
Gate
bonding pad
Unit: mm
Ordering Information
Orderable Part Number
RJP1CS06DWA-80#W0
RJP1CS06DWT-80#X0


Similar Part No. - RJP1CS06DWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS06DWA-80 RENESAS-RJP1CS06DWA-80 Datasheet
115Kb / 4P
   Inverter
RJP1CS06DWA-W0 RENESAS-RJP1CS06DWA-W0 Datasheet
115Kb / 4P
   Inverter
RJP1CS06DWA RENESAS-RJP1CS06DWA_15 Datasheet
115Kb / 4P
   Inverter
More results

Similar Description - RJP1CS06DWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS06DWT RENESAS-RJP1CS06DWT_15 Datasheet
65Kb / 4P
   1250V - 100A - IGBT Application: Inverter
RJP1CS05DWT RENESAS-RJP1CS05DWT_15 Datasheet
65Kb / 4P
   1250V - 75A - IGBT Application: Inverter
RJP1CS08DWT RENESAS-RJP1CS08DWT_15 Datasheet
65Kb / 4P
   1250V - 200A - IGBT Application: Inverter
RJP1CS08DWT RENESAS-RJP1CS08DWT Datasheet
77Kb / 4P
   1250V - 200A - IGBT Application: Inverter
RJP1CS04DWT RENESAS-RJP1CS04DWT Datasheet
76Kb / 4P
   1250V - 50A - IGBT Application: Inverter
RJP1CS03DWT RENESAS-RJP1CS03DWT Datasheet
77Kb / 4P
   1250V - 30A - IGBT Application: Inverter
RJP1CS03DWT RENESAS-RJP1CS03DWT_15 Datasheet
65Kb / 4P
   1250V - 30A - IGBT Application: Inverter
RJP1CS04DWTRJP1CS04DWT RENESAS-RJP1CS04DWTRJP1CS04DWT_15 Datasheet
75Kb / 4P
   1250V - 50A - IGBT Application: Inverter
RJP1CS07DWT RENESAS-RJP1CS07DWT_15 Datasheet
66Kb / 4P
   1250V - 150A - IGBT Application: Inverter
RJP1CS05DWT RENESAS-RJP1CS05DWT Datasheet
77Kb / 4P
   1250V - 75A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com