Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFL4020-102MEB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XFL4020-102MEB
Description  Shielded Power Inductors XFL4020
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XFL4020-102MEB Datasheet(HTML) 1 Page - Coilcraft lnc.

  XFL4020-102MEB Datasheet HTML 1Page - Coilcraft lnc. XFL4020-102MEB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
HIGH TEMPERA
TURE
Shielded PowerInductors–XFL4020
Document 745-1
Document 745-1 Revised 07/18/12
Inductance2
DCR (mOhms)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
10% drop 20% drop
30% drop
20°C rise 40°C rise
XFL4020-102ME_
1.0
10.80
11.90
64
4.5
5.1
5.4
8.0
11.0
XFL4020-152ME_
1.5
14.40
15.80
59
4.1
4.4
4.6
6.7
9.1
XFL4020-222ME_
2.2
21.35
23.50
38
3.1
3.5
3.7
6.0
8.0
XFL4020-332ME_
3.3
34.80
38.30
33
2.7
2.8
2.9
3.9
5.2
XFL4020-472ME_
4.7
52.20
57.40
26
2.0
2.5
2.7
3.6
5.0
1. When ordering, please specify
packaging code:
XFL4020-472MEC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (3500 parts per
full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DC current at which the inductance drops the specified amount from its
value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C436 contains 5 each of all values
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver over copper. Other termina-
tions available at additional cost.
Core material Composite
Core and winding loss See www.coilcraft.com/coreloss
Weight 162 – 169 mg
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +165°C with derated current.
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.23 mm thick, 8 mm pocket spacing, 2.3 mm pocket depth
PCB washing Only pure water or alcohol recommended
• ExceptionallylowDCR–10.8mOhm
• Excellentcurrenthandlingcapability
Dimensions are in
inches
mm
0.157 ±0.012
4,0 ±0,3
0.157 ±0.012
4,0 ±0,3
0.083
2,10
0.128 ±0.008
3,26 ±0,20
0.032 ±0.002
0,82 ±0,05
0.062 ±0.010
1,57 ±0,25
0.038
0,98
max
0.093
2,37
0.134
3,4
Recommended
Land Pattern
Dash
number
Irms Testing
Irms testing was performed on 0.75 inch wide × 0.25 inch thick
copper traces in still air.
Temperature rise is highly dependent on many factors including
pcb land pattern, trace size, and proximity to other components.
Therefore temperature rise should be verified in application
conditions.


Similar Part No. - XFL4020-102MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XFL4020-102MEB COILCRAFT-XFL4020-102MEB Datasheet
197Kb / 1P
   XFL4020 Power Inductors, 5 values, 5 of each
More results

Similar Description - XFL4020-102MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XFL4020-102MEB COILCRAFT-XFL4020-102MEB Datasheet
197Kb / 1P
   XFL4020 Power Inductors, 5 values, 5 of each
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com