Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA8100-99F Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA8100-99F
Description  X-band HBT High Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA8100-99F Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA8100-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA8100-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA8100-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA8100-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA8100-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHA8100-99F Datasheet HTML 9Page - United Monolithic Semiconductors CHA8100-99F Datasheet HTML 10Page - United Monolithic Semiconductors CHA8100-99F Datasheet HTML 11Page - United Monolithic Semiconductors CHA8100-99F Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CHA8100
X-band High Power Amplifier
Ref : DSCHA81000069 - 10 Mar 10
10/12
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Bonding recommendations
For thermal and electrical considerations, the chip should be brazed on a metal base plate.
The RF, DC and modulation port inter-connections should be done according to the following
table:
Port
Connection
IN (1)
Inductance (Lbonding) = 0.3nH
400µm length with wire diameter of 25 µm x2
OUT (12)
Inductance (Lbonding) = 0.3nH
400µm length with wire diameter of 25 µm x2
DC pads to 1
st decoupling level for
double bonding
Inductance (Lbonding) =0.7nH
Two 1.2mm length wires with a diameter of 25 µm
DC pads to 1
st decoupling level for
single bonding
Inductance (Lbonding) =1nH
One 1.2mm length wires with a diameter of 25 µm
1
st decoupling level to 2nd decoupling
level for double bonding
Inductance (Lbonding) =0.7nH
Two 1.2mm length wires with a diameter of 25 µm
1
st decoupling level to 2nd decoupling
level for single bonding
Inductance (Lbonding) =1nH
One 1.2mm length wires with a diameter of 25 µm
Assembly recommendations in test fixture
(using analogue biasing circuits)
22
21
20
19
17
16
15
14
18
13
2
3
4
5
7
8
9
10
6
11
12
1
IN
OUT
Vc
Vctrl
100pF
10nF
1µF
100µF
Vc
Vctrl
22
21
20
19
17
16
15
14
18
13
2
3
4
5
7
8
9
10
6
11
12
1
IN
OUT
Vc
Vctrl
100pF
10nF
1µF
100µF
Vc
Vctrl
22
21
20
19
17
16
15
14
18
13
2
3
4
5
7
8
9
10
6
11
12
1
IN
OUT
Vc
Vctrl
100pF
10nF
1µF
100µF
100pF
10nF
1µF
100µF
Vc
Vctrl
Note: Supply feed should be capacitively by-passed. 25µm diameter gold wire is to be
preferred.


Similar Part No. - CHA8100-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA8012-99F UMS-CHA8012-99F Datasheet
690Kb / 8P
   C Band High Power Amplifier
CHA8610-99F UMS-CHA8610-99F Datasheet
457Kb / 18P
   15W X Band High Power Amplifier
More results

Similar Description - CHA8100-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7012 UMS-CHA7012_09 Datasheet
397Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
   X-band HBT High Power Amplifier
CHA7010 UMS-CHA7010 Datasheet
161Kb / 7P
   X-band GaInP HBT High Power Amplifier
CHA7010 UMS-CHA7010_04 Datasheet
384Kb / 7P
   X-band GaInP HBT High Power Amplifier
CHA5014-99F UMS-CHA5014-99F_15 Datasheet
591Kb / 8P
   X Band HBT Driver Amplifier
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
   X-band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
   X-band High Power Amplifier
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
   X Band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com