Selected language     English  ▼


W005M Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part No. W005M
Description  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YEASHIN [Yea Shin Technology Co., Ltd]
Homepage  http://www.yeashin.com
Logo 

   
 1 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20130305
W005M THRU W10M
SINGLE-PHAS
E SILICON BRIDGE
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
+
WOM
All Dimensions in millimeter
WOG
DIM.
MIN.
MAX.
A
C
D
E
F
B
8.90
9.30
25.4
27.9
5.60
5.10
0.70
0.80
4.60
5.60
A
C
D
E
F
B
F
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability.
Reliable low cost construction utilizing molded epoxy
technique results in inexpensive product
The plastic material has UL flammability classification
94V-0
MECHANICAL DATA
Case : Molded plastic
Polarity: As marked on Body
Weight : 0.05 ounces, 1.42grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
W005M
NOTES : 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Thermal Resistance Junction to Ambient
@TA=25 C
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Typical Junction Capacitance
per element (Note 1)
1.5
50
1.0
5.0
500
20
Operating Temperature Range
-55 to +150
C
Storage Temperature Range
-55 to +150
Typical Thermal Resistance (Note 2)
36
C/W
pF
uA
V
A
A
UNIT
CHARACTERISTICS
SYMBOL
@TJ =25 C
@TJ =125 C
I
2t Rating for fusing (t < 8.3ms)
A
2S
I
2t
10.4
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
RθJA
TJ
TSTG
50
35
50
100
70
100
W02M
200
140
200
400
280
400
W06M
600
420
600
W08M
800
560
800
W10M
1000
700
1000
W01M
W04M
V
V
V
C




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl