Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHK040A-SOA26 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHK040A-SOA26
Description  40W Power Packaged Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK040A-SOA26 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHK040A-SOA26 Datasheet HTML 3Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 4Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 5Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 6Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 7Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 8Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 9Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 10Page - United Monolithic Semiconductors CHK040A-SOA26 Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
40W Power Packaged Transistor
CHK040A-SOA
Ref. : DSCHK040ASOA3021 - 21 Jan 13
7/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Performance on Demonstration Board (Ref. 61499547)
Calibration and measurements are done on the connector reference accesses of the
demonstration boards.
Tcase = +25°C, CW mode
Measured Id, Pout, Gain & PAE
F = 3GHz, VDS = 50V, ID_Q = 300mA
Measured Gain, Pout & PAE
Pin = 38dBm, VDS = 50V, ID_Q = 300mA
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
0
5
10
15
20
25
30
35
40
45
50
55
14
16
18
20
22
24
26
28
30
32
34
36
38
40
Input Power (dBm)
CW Mode at 3GHz
PAE
Pout
Id
Gain
6
7
8
9
10
11
12
13
14
15
16
17
18
19
30
32
34
36
38
40
42
44
46
48
50
52
54
56
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
Frequency (GHz)
CW Mode
PAE
Pout
Gain


Similar Part No. - CHK040A-SOA26

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK015A-SMA26 UMS-CHK015A-SMA26 Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK025A-SOA26 UMS-CHK025A-SOA26 Datasheet
581Kb / 14P
   25W Power Packaged Transistor
More results

Similar Description - CHK040A-SOA26

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK080A-SRA UMS-CHK080A-SRA Datasheet
577Kb / 14P
   80W Power Packaged Transistor
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
logo
Mospec Semiconductor
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
   POWER TRANSISTOR(7A,400V,40W)
logo
Motorola, Inc
MRF224 MOTOROLA-MRF224 Datasheet
131Kb / 3P
   40W, 175MHz RF POWER TRANSISTOR NPN SILICON
logo
STMicroelectronics
2N5641 STMICROELECTRONICS-2N5641 Datasheet
182Kb / 2P
   7W / 20W / 40W, 28V, VHF POWER TRANSISTOR
logo
Tyco Electronics
PH0814-40 MACOM-PH0814-40 Datasheet
96Kb / 1P
   Linear Power Transistor, 40W 850 - 1450 MHz
logo
NTE Electronics
NTE320 NTE-NTE320 Datasheet
27Kb / 3P
   Silicon NPN RF Power Transistor 40W @ 175MHz
logo
Delta Electronics, Inc.
DPS-40AP-10A DELTA-DPS-40AP-10A Datasheet
1Mb / 3P
   Total power 40W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com