Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3011 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KA3011
Description  3-Phase BLDC Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3011 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KA3011 Datasheet HTML 3Page - Fairchild Semiconductor KA3011 Datasheet HTML 4Page - Fairchild Semiconductor KA3011 Datasheet HTML 5Page - Fairchild Semiconductor KA3011 Datasheet HTML 6Page - Fairchild Semiconductor KA3011 Datasheet HTML 7Page - Fairchild Semiconductor KA3011 Datasheet HTML 8Page - Fairchild Semiconductor KA3011 Datasheet HTML 9Page - Fairchild Semiconductor KA3011 Datasheet HTML 10Page - Fairchild Semiconductor KA3011 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
KA3011BD
7
Electrical Characteristics (Continued)
Calculation of Gain & Torque Limit Current
0.255 from GM times R1 is a fixed value within IC.
Vmax (see above block diagram) is setted to 350mV.
EC
ECR
+
Gm
+
+
Absolute
Values
Current / Voltage
Convertor
R1
Vin
+
Driver
VM
Vmax
Max. output current limiting
+
VM
VM
Negative
Feedback loop
IO
RS
VS
+
CS1 (Pin 28)
Output
Current sense
Power
Transistors
Commutation
Distributor
U
V
W
H1
H2
H3
IO
Gain
0.255
R
S
---------------
=
Itl mA
[]
Vmax
R
S
----------------
350 mV
[]
R
S
------------------------
==


Similar Part No. - KA3011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
KA3012D-02 FAIRCHILD-KA3012D-02 Datasheet
238Kb / 13P
   4-Channel Motor Driver
KA3012D-02TF FAIRCHILD-KA3012D-02TF Datasheet
238Kb / 13P
   4-Channel Motor Driver
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
More results

Similar Description - KA3011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com