Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZS5V6B Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # UDZS5V6B
Description  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

UDZS5V6B Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  UDZS5V6B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UDZS5V6B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd UDZS5V6B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.yeashin.com
3
REV.02 20120305
UDZSxxB Series
DEVICE CHARACTERISTICS
Electrical characteristic curves (Ta=25
°C)
Fig.1 Zener voltage characteristics
0
10n
100n
1
µ
10
µ
100
µ
1
µ
10
µ
100
µ
5
10152025303540
ZENER VOLTAGE : VZ
(V)
300
200
100
0
050
25
100
150
AMBIENT TEMPERATURE : Ta (
°C)
Fig.2 Derating curve
Fig.3 Zener voltage-temp.
coefficient characteristics
−0.08
−0.06
−0.04
−0.02
0.00
0.02
0.04
0.06
0.08
0.10
Iz=5mA
Iz=500
µA
210
20
30
ZENER VOLTAGE : Vz (V)
Makeup of the part number
• Please follow the part number designation when the order is placed.
• Fill in from the left, leaving any extra boxes empty on the right.
• Please refer packing specification about packing form.


Similar Part No. - UDZS5V6B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UDZS5V6B SECOS-UDZS5V6B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
UDZS5V6B TSC-UDZS5V6B Datasheet
311Kb / 3P
   200mW Surface Mount Flat Lead Plastic Package Zener Diode
logo
Rectron Semiconductor
UDZS5V6B RECTRON-UDZS5V6B Datasheet
213Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
logo
Taiwan Semiconductor Co...
UDZS5V6B TSC-UDZS5V6B Datasheet
446Kb / 4P
   Surface Mount Flat Lead Plastic Package Zener Diode
logo
Tak Cheong Electronics ...
UDZS5V6BW TAK_CHEONG-UDZS5V6BW Datasheet
153Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - UDZS5V6B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW_09 Datasheet
290Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
UDZS2V4BW TAK_CHEONG-UDZS2V4BW Datasheet
153Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C2V4 TAK_CHEONG-TCBZX584C2V4 Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM5Z2V4B TAK_CHEONG-MM5Z2V4B Datasheet
278Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com