Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHK080A-SRA Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHK080A-SRA
Description  80W Power Packaged Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK080A-SRA Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHK080A-SRA Datasheet HTML 1Page - United Monolithic Semiconductors CHK080A-SRA Datasheet HTML 2Page - United Monolithic Semiconductors CHK080A-SRA Datasheet HTML 3Page - United Monolithic Semiconductors CHK080A-SRA Datasheet HTML 4Page - United Monolithic Semiconductors CHK080A-SRA Datasheet HTML 5Page - United Monolithic Semiconductors CHK080A-SRA Datasheet HTML 6Page - United Monolithic Semiconductors CHK080A-SRA Datasheet HTML 7Page - United Monolithic Semiconductors CHK080A-SRA Datasheet HTML 8Page - United Monolithic Semiconductors CHK080A-SRA Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
80W Power Packaged Transistor
CHK080A-SRA
Ref. : DSCHK080A-SRA3148 - 28 Jun 13
2/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Recommended DC Operating Ratings
Tcase= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VDS
Drain to Source Voltage
20
50
V
VGS_Q
Gate to Source Voltage
-1.8
V
VD=50V, ID_Q=600mA
(ID_Q =300mA on each
transistor)
ID_Q
Quiescent Drain
Current
0.6
2
A
VD=50V
ID_MAX
Drain Current
4
(1)
A
VD=50V,
Compressed mode
IG_MAX
Gate Current
(forward mode)
0
48
mA
Compressed mode
Tj_max
Junction Temperature
200
°C
(1) Limited by dissipated power
DC Characteristics
Tcase= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VP
Pinch-Off Voltage
-3
-2
-1
V
VD=50V, ID=IDSS/100
ID_SAT
Saturated Drain Current
16
(1)
A
VD=7V, VG=2V
IG_leak
Gate Leakage Current
(reverse mode)
-6
mA
VD=50V, VG=-7V
VBDS
Drain-Source
Break-down Voltage
200
V
VG=-7V, ID=20mA
RTH
Thermal Resistance
1.8
°C/W
CW Mode
(1) For information, limited by I
D_MAX , see on Absolute Maximum Ratings
RF Characteristics (CW)
Tcase= +25°C, CW mode, F=3GHz, VDS=50V, ID_Q=600mA (ID_Q =300mA on each transistor)
Symbol
Parameter
Min
Typ
Max
Unit
GSS
Small Signal Gain
14
16
dB
PSAT
Saturated Output Power
70
80
W
PAE
Max Power Added Efficiency
45
50
%
GPAE_MAX
Associated Gain at Max PAE
12
dB


Similar Part No. - CHK080A-SRA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK015A-SMA26 UMS-CHK015A-SMA26 Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK025A-SOA26 UMS-CHK025A-SOA26 Datasheet
581Kb / 14P
   25W Power Packaged Transistor
More results

Similar Description - CHK080A-SRA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK040A-SOA UMS-CHK040A-SOA Datasheet
405Kb / 14P
   40W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
logo
Sanyo Semicon Device
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
   Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
logo
M/A-COM Technology Solu...
DU2880U MA-COM-DU2880U Datasheet
156Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880T MA-COM-DU2880T Datasheet
145Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880V MA-COM-DU2880V Datasheet
154Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com