Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS7341-473MLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MSS7341-473MLB
Description  Shielded Power Inductors MSS7341
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSS7341-473MLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  MSS7341-473MLB Datasheet HTML 1Page - Coilcraft lnc. MSS7341-473MLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
1. Specify
termination and packaging codes:
MSS7341-224MLD
Termination: L = RoHS compliant matte tin
over nickel over phos bronze
(current production) or gold
over nickel over phos bronze
(prior production)
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) over gold over
nickel over phos bronze or
S = non-RoHS tin-lead
(63/37) over gold over
nickel over phos bronze.
Packaging: D = 13
″ machine-ready reel.
EIA-481 embossed plastic
tape (1200 parts per full reel).
B = Less than full reel. In tape,
but not machine ready.
To have a leader and trailer
added ($25 charge), use
code letter D instead.
2. Inductance measured at 100 kHz, 0.1 Vrms,
0 Adc using a Coilcraft SMD-A fixture in an
Agilent/HP 4263B LCR meter.
3. SRF measured using an Agilent/HP 8753D
network analyzer and a Coilcraft SMD-D test
fixture.
4. DC current at which the inductance drops the
specified amount from its value without current.
5. Current that causes the specified temperature
rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.
Shielded Power Inductors–MSS7341
Document 383-1
Document 383-1 Revised 11/04/11
DCR
SRF
Isat (A)4
Irms (A)5
Inductance2
(Ohms)
typ3 10% 20% 30% 20°C 40°C
Part number1
(µH)
typ
max (MHz) drop drop drop rise rise
MSS7341-332NL_
3.3 ±30% 0.014 0.018 85
2.74 3.28 3.72 3.95 5.00
MSS7341-502NL_
5.0 ±30% 0.018 0.023 49
2.30 2.82 3.16 3.40 4.70
MSS7341-622NL_
6.2 ±30% 0.024 0.027 42
2.18 2.66 2.98 3.05 4.30
MSS7341-742NL_
7.4 ±30% 0.027 0.031 35
1.92 2.32 2.56 2.80 4.10
MSS7341-872NL_
8.7 ±30% 0.029 0.034 33
1.78 2.12 2.36 2.80 3.90
MSS7341-103ML_
10 ±20%
0.032 0.038 32
1.64 1.92 2.10 2.80 3.80
MSS7341-123ML_
12 ±20%
0.040 0.050 27
1.48 1.76 1.92 2.45 3.30
MSS7341-153ML_
15 ±20%
0.047 0.055 26
1.36 1.60 1.78 2.05 3.00
MSS7341-183ML_
18 ±20%
0.065 0.075 25
1.20 1.46 1.62 1.85 2.65
MSS7341-223ML_
22 ±20%
0.074 0.082 22
1.02 1.26 1.42 1.70 2.35
MSS7341-273ML_
27 ±20%
0.091 0.109 19
1.00 1.14 1.22 1.50 2.10
MSS7341-333ML_
33 ±20%
0.104 0.124 17
0.91 1.04 1.16 1.50 1.95
MSS7341-393ML_
39 ±20%
0.115 0.130 15
0.85 1.01 1.12 1.50 1.90
MSS7341-473ML_
47 ±20%
0.127 0.155 14
0.74 0.92 1.00 1.50 1.85
MSS7341-563ML_
56 ±20%
0.174 0.202 11
0.68 0.80 0.87 1.25 1.60
MSS7341-683ML_
68 ±20%
0.236 0.250
9.6 0.62 0.73 0.80 1.00 1.35
MSS7341-823ML_
82 ±20%
0.257 0.290
8.5 0.57 0.66 0.72 1.00 1.25
MSS7341-104ML_ 100 ±20%
0.286 0.310
7.2 0.54 0.64 0.71 0.90 1.15
MSS7341-224ML_ 220 ±20%
0.660 0.710
5.0 0.35 0.41 0.47 0.57 0.78
MSS7341-474ML_ 470 ±20%
1.21
1.45
3.0 0.24 0.28 0.32 0.43 0.57
MSS7341-684KL_ 680 ±10%
1.85
1.98
2.5 0.22 0.27 0.29 0.42 0.56
Designer’s Kit C385 contains 3 each of all values.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over phos
bronze (current production) or gold over nickel over phos bronze
(prior production). Other terminations available at additional cost.
Weight: 0.61 – 0.67 g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1200/13
″ reel; Plastic tape: 16 mm wide, 0.35 mm thick,
12 mm pocket spacing, 4.5 mm pocket depth
PCB washing Only pure water or alcohol recommended
• 6.6×6.6mmfootprint;4.1mmhighshieldedinductors
• LowDCRandexcellentcurrenthandling


Similar Part No. - MSS7341-473MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS7341-473ML COILCRAFT-MSS7341-473ML Datasheet
204Kb / 2P
   SMT Power Inductors
MSS7341-473ML COILCRAFT-MSS7341-473ML Datasheet
385Kb / 2P
   Shielded Power Inductors
More results

Similar Description - MSS7341-473MLB

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com