Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD18V Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # RD18V
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

RD18V Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  RD18V Datasheet HTML 1Page - Yea Shin Technology Co., Ltd RD18V Datasheet HTML 2Page - Yea Shin Technology Co., Ltd RD18V Datasheet HTML 3Page - Yea Shin Technology Co., Ltd RD18V Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.yeashin.com
3
REV.02 20120403
RD2V2~RD39V Series
Electrical Characteristics (T
A = 25°C unless otherwise noted)
VZ@Izt
Device
Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms) Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
24.24
24.89
25.54
B
24.95
25.62
26.28
C
25.60
26.29
26.97
RD27V
D
26.28
26.97
27.67
5
38.0
210
0.5
0.133
21
A
26.98
27.69
28.41
B
27.67
28.41
29.15
C
28.34
29.09
29.84
RD30V
D
29.00
29.77
30.54
5
46.0
210
0.5
0.133
23
A
29.66
30.45
31.25
B
30.29
31.10
31.91
C
30.88
31.70
32.52
RD33V
D
31.46
32.30
33.15
5
55.0
210
0.5
0.133
25
A
32.19
32.96
33.74
B
32.83
33.63
34.42
C
33.46
34.27
35.07
RD36V
D
31.07
34.89
35.71
5
63.0
210
0.5
0.133
27
A
34.74
35.57
36.41
B
35.41
36.26
37.12
C
36.05
36.92
37.79
RD39V
D
36.69
37.58
38.46
5
72.0
210
0.5
0.133
30
VF (forward voltage) = 1.2 V maximum @ IF = 200mA for all types
Notes:
1.
The zener voltage subdivision (VZ) is measured 40mS after diode is powered up.
2.
The operating resistance (Zzt and Zzk) is measured by superimposing a minute alternation current in the regulated
current (Iz).
3.
When ordering, please specify tolerance A, B, C or D.


Similar Part No. - RD18V

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD18 GREATECS-RD18 Datasheet
167Kb / 1P
   7x7 mm Rotary DIP Switch with central C-pin
logo
NEC
RD180E NEC-RD180E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD180EB NEC-RD180EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD180EB SEMTECH_ELEC-RD180EB Datasheet
477Kb / 8P
   ZENER DIODES
logo
NEC
RD180EB1 NEC-RD180EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD18V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com