Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS3015-224MLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS3015-224MLD
Description  Shielded Power Inductors LPS3015
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS3015-224MLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS3015-224MLD Datasheet HTML 1Page - Coilcraft lnc. LPS3015-224MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors – LPS3015
Document 436-1
Document 436-1 Revised 11/22/11
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4
10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS3015-102ML_
1.0
0.075
190
1.8
2.0
2.1
1.4
2.0
LPS3015-152ML_
1.5
0.100
140
1.8
2.1
2.2
1.3
1.7
LPS3015-182ML_
1.8
0.100
135
1.5
1.7
2.1
1.1
1.4
LPS3015-222ML_
2.2
0.110
110
2.0
2.0
2.1
1.1
1.4
LPS3015-332ML_
3.3
0.130
90
1.4
1.5
1.5
1.0
1.4
LPS3015-472ML_
4.7
0.200
79
1.1
1.2
1.2
0.90 1.2
LPS3015-682ML_
6.8
0.300
58
0.83
0.86
0.89
0.68 0.90
LPS3015-103ML_
10
0.440
48
0.60
0.69
0.73
0.55 0.75
LPS3015-153ML_
15
0.700
35
0.58
0.61
0.62
0.44 0.59
LPS3015-183ML_
18
0.750
33
0.56
0.58
0.59
0.43 0.58
LPS3015-223ML_
22
0.825
30
0.48
0.49
0.50
0.42 0.57
LPS3015-333ML_
33
1.30
23
0.39
0.41
0.42
0.35 0.48
LPS3015-473ML_
47
1.55
17
0.36
0.38
0.39
0.30 0.40
LPS3015-683ML_
68
2.35
14
0.29
0.30
0.31
0.25 0.33
LPS3015-104ML_
100
3.40
11
0.24
0.25
0.26
0.19 0.26
LPS3015-124ML_
120
4.65
9.0 0.21
0.22
0.22
0.17 0.23
LPS3015-154ML_
150
6.25
8.0 0.19
0.20
0.20
0.15 0.20
LPS3015-184ML_
180
8.60
7.5 0.16
0.17
0.17
0.13 0.175
LPS3015-224ML_
220
9.50
6.0 0.15
0.16
0.16
0.11 0.155
LPS3015-334ML_
330
23.0
5.0 0.10
0.11
0.11
0.070 0.095
1. Please specify
termination and packaging codes:
LPS3015-333MLC
Termination: L = RoHS compliant silver-palladium-
platinum-glass frit.
Special order:
T = RoHS tin-silver-
copper (95.5/4/0.5) or
S = non-RoHS
tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape (1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory order
only, not stocked (3500 per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an
Agilent/HP 4192A. Inductance at 1 MHz is the same for
parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current that causes the specified inductance drop
from its value without current.
6. Current that causes the specified temperature rise
from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 40 – 45 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel; Plastic tape: 12 mm wide,
0.26 mm thick, 8 mm pocket spacing, 1.65 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤ 1.5 mm
PCB washing Only pure water or alcohol recommended
• VerylowDCR;excellentcurrenthandling
• Miniature3.0×3.0mmfootprint;lessthan1.5mmtall
Coilcraft
Designer’s Kit C392 contains samples of 0.80 µH to 33 µH parts (3 each)
from LPS3008, LPS3010 and LPS3015.
Kit C401 contains samples of 0.56 µH to
33 µH parts (3 each) from LPS4012 and LPS4018.
Kit C402 contains samples of
220 µH to 3300 µH parts (3 each) from all five series. For details of kit contents and
to order, contact Coilcraft or visit
http://order.coilcraft.com.


Similar Part No. - LPS3015-224MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS3015-224ML COILCRAFT-LPS3015-224ML Datasheet
208Kb / 2P
   Shielded Power Inductors
LPS3015-224ML_ COILCRAFT-LPS3015-224ML_ Datasheet
295Kb / 2P
   Very low DCR; excellent current handling, Miniature 3.0 횞 3.0 mm footprint; less than 1.5 mm tall
More results

Similar Description - LPS3015-224MLD

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com