Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS4018-103MLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS4018-103MLD
Description  Shielded Power Inductors LPS4018
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4018-103MLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS4018-103MLD Datasheet HTML 1Page - Coilcraft lnc. LPS4018-103MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Shielded SMT Power Inductors–LPS4018 Series
Document 435-2
Document 435-2 Revised 05/15/12
Typical L vs Frequency
Typical L vs Current
0.1
1
10
0.1
1
10
Frequency (MHz)
0.1
1
10
10000
1000
100
0.01
1 µH
4.7 µH
22 µH
680 µH
2200 µH
0.1
1
10
10000
1000
100
0.01
0.1
110
Current (A)
1 µH
22 µH
680 µH
2200 µH
4.7 µH
-40 -20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Current Derating
Coilcraft
Designer’s Kit C392 contains samples of 0.80 µH to 33
µH parts (3 each) from LPS3008, LPS3010 and LPS3015.
Kit C401
contains samples of 0.56 µH to 33 µH parts (3 each) from LPS4012
and LPS4018.
Kit C402 contains samples of 220 µH to 3300 µH
parts (3 each) from all five series. For details of kit contents and to
order, contact Coilcraft or visit
http://order.coilcraft.com.
Dimensions are in
inches
mm


Similar Part No. - LPS4018-103MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4018-103ML COILCRAFT-LPS4018-103ML Datasheet
211Kb / 2P
   Shielded Power Inductors
logo
Kinetic Technologies.
LPS4018-103ML KINETIC-LPS4018-103ML Datasheet
698Kb / 15P
   36V/24V/19V High Efficiency Step-Up LED Driver with PWM Control
November 2016 - Revision 04a
LPS4018-103ML KINETIC-LPS4018-103ML Datasheet
465Kb / 14P
   14V/19V High Efficiency Step-Up LED Driver with PWM Control
November 2016 - Revision 04a
LPS4018-103ML KINETIC-LPS4018-103ML Datasheet
638Kb / 15P
   36V/24V/19V High Efficiency Step-Up LED Driver with PWM Control
April 2015
LPS4018-103ML KINETIC-LPS4018-103ML Datasheet
914Kb / 18P
   36V/30V/24V Step-Up LED Driver with Internal Diode and Serial Control
April 2017 - Revision 04b
More results

Similar Description - LPS4018-103MLD

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com