Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3352-QEG Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHR3352-QEG
Description  12-16GHz Integrated Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3352-QEG Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHR3352-QEG Datasheet HTML 1Page - United Monolithic Semiconductors CHR3352-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHR3352-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3352-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3352-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3352-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3352-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3352-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3352-QEG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
12-16GHz Integrated Down Converter
CHR3352-QEG
Ref. : DSCHR3352-QEG1192 - 11 Jul 11
5/16
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Measured Performances
(1)
Tamb = +25°C, VD=VDL= 4V, VG2=VG3= -0.5V, VGM = -0.7V, P_LO = 0dBm
Board losses de-embedded (result given on package access planes)
Conversion Gain versus RF & IF Frequencies
RF = LO+ IF, GC = -1.5V & 0V
(1) If no specific mention, the following values are representative of onboard measurements
(on connector access planes) as defined on the drawing at paragraph Evaluation mother
board. The board losses are estimated from 0.8 to 1.2dB in the frequency range.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
10
11
12
13
14
15
16
17
18
RF Frequency (GHz)
Atten min @2GHz
Atten min @3,5GHz
Atten max @2GHz
Atten max @3,5GHz


Similar Part No. - CHR3352-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3362-QEG UMS-CHR3362-QEG Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3362-QEG20 UMS-CHR3362-QEG20 Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3362-QEG21 UMS-CHR3362-QEG21 Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3364-QEG UMS-CHR3364-QEG Datasheet
477Kb / 14P
   17-24GHz Down Converter
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
   17-24GHz Down Converter
More results

Similar Description - CHR3352-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
   12-16GHz Integrated Down Converter
CHR3763-QDG UMS-CHR3763-QDG Datasheet
861Kb / 16P
   12-16GHz Integrated Down Converter
CHR2391 UMS-CHR2391 Datasheet
168Kb / 6P
   12-16GHz Integrated Down Converter
CHR3362-QEG UMS-CHR3362-QEG Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG_15 Datasheet
564Kb / 16P
   7-16GHz Integrated Down Converter
CHR2291 UMS-CHR2291_11 Datasheet
120Kb / 6P
   12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291_15 Datasheet
131Kb / 6P
   12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291_04 Datasheet
89Kb / 6P
   12-17GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG Datasheet
357Kb / 16P
   7-16GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com