Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZS4742A Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # ZS4742A
Description  1000mW Surface Mount Zener Diodes - 3.3V-100V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

ZS4742A Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  ZS4742A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd ZS4742A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd ZS4742A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd ZS4742A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd ZS4742A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.yeashin.com
3
REV.03 20130520
ZS47xxA
DEVICE CHARACTERISTICS
FIG.2A Range for Units to 12 Volts
2
3
4
5
6
7
8
9
10
11
12
Range
V @ I
Z
ZT
-4.0
-2.0
0
+2.0
+4.0
+6.0
+8.0
+10.0
-12.0
ZENER VOLTAGE, (V)
LEAD LENGTH TO HEAT SINK, (INCHES)
FIG.2B Range for Units to 12 to 100 Volts
1
3
ZENER VOLTAGE, (V)
8
7
6
5
4
Range
V @ I
Z
ZT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
25
50
75
100
125
150
175
o
o
Fig. 3 Temperature Coefficients (-55 C to +150 C temperature change;90% of the units are in the ranges indicated.)
-4.0
-2.0
0
+2.0
+4.0
+6.0
2
5
7
10
20
50
70
100
ZENER VOLTAGE, (V)
V @ I
Z
Z
20mA
1mA
0.01mA
10
20
30
50
70
100
175
150
TL, LEAD TEMPERATURE (°C)
125
100
75
50
25
0
0.25
0.5
0.75
1.0
P. C. B. Mounted on
0.2"x0.2"(5x5mm)
copper areas pads
e Load
e or
Resistiv
Inductiv
60 Hz
FIG.1 MAXIMUM CONTINUOUS POWER DERATING


Similar Part No. - ZS4742A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS4742A FORMOSA-ZS4742A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Weitron Technology
ZS4742A WEITRON-ZS4742A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
ZS4742A PACELEADER-ZS4742A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
SHENZHEN YONGERJIA INDU...
ZS4742A WINNERJOIN-ZS4742A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
More results

Similar Description - ZS4742A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
logo
Shanghai Leiditech Elec...
DL47XXA LEIDITECH-DL47XXA Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
First Components Intern...
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com