Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5022-150M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM5022-150M-RC
Description  PM5022 Series SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM5022-150M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM5022-150M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM5022-150M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0
(.118)
2.9
(.114)
14.0 ± 0.3
(.551 ± .012)
18.3 ± 0.3
(.720 ± .012)
6.6 ± 0.3
(.260 ± .012)
13.0 ± 0.3
(.512 ± .012)
2.5 ± 0.2
(.098 ± .008)
2.6 ± 0.2
(.102 ± .008)
12.7
(.500)
REF.
REF.
REF.
Features
Formerly
model
Available in E6 series
Low profile of only 6.6 mm
Inductance as low as 1 µH
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
PM5022 Series - SMD Power Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Voltage ....................................0.1 V
Reflow soldering .... 250 °C; 10 sec max.
(In compliance with JEDEC,
J-STD-020C, Table 4-2)
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
.......................... 250 °C, 10 sec. max.
Materials
Core....................................... Ferrite DR
Wire ............................Enameled copper
Base .....................................LCP E4008
Terminal ........................................ Cu/Sn
Rated Current
................... Ind. drop 10 % typ. at Isat
Temperature Rise ................. 40 °C max.
at rated Irms
Packaging.................... 250 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance 100 kHz
Test
SRF
I rms
I sat
Q
Frequency
Typ.
RDC
Max.
Typ.
Bourns Part No.
(µH)
Tol. %
Ref.
(MHz)
(MHz)
(m
Ω)
(A)
(A)
PM5022-1R0M-RC
1.0
± 20
21
7.96
100.0
4.0
10.0
30.00
PM5022-2R2M-RC
2.2
± 20
22
7.96
55.0
6.8
9.00
22.00
PM5022-3R3M-RC
3.3
± 20
22
7.96
40.0
9.8
7.60
17.00
PM5022-5R6M-RC
5.6
± 20
23
7.96
30.0
15.0
6.40
12.80
PM5022-8R2M-RC
8.2
± 20
22
7.96
27.0
20.0
7.00
9.40
PM5022-100M-RC
10
± 20
22
2.52
25.0
25.0
5.30
10.00
PM5022-150M-RC
15
± 20
20
2.52
17.0
35.0
4.30
8.00
PM5022-220M-RC
22
± 20
22
2.52
13.0
45.0
3.60
6.70
PM5022-330M-RC
33
± 20
24
2.52
11.0
68.0
3.00
5.40
PM5022-470M-RC
47
± 20
22
2.52
9.0
95.0
2.50
4.60
PM5022-680M-RC
68
± 20
22
2.52
8.0
130.0
2.10
3.80
PM5022-101K-RC
100
± 10
25
0.796
7.0
190.0
1.70
3.20
PM5022-151K-RC
150
± 10
23
0.796
5.0
270.0
1.40
2.60
PM5022-221K-RC
220
± 10
20
0.796
4.5
420.0
1.10
2.20
PM5022-331K-RC
330
± 10
18
0.796
3.5
580.0
1.00
1.80
PM5022-471K-RC
470
± 10
15
0.796
3.0
820.0
0.80
1.50
PM5022-681K-RC
680
± 10
12
0.796
2.5
1200.0
0.70
1.20
PM5022-102K-RC
1000
± 10
10
0.252
2.0
1800.0
0.50
1.00
Electrical Schematic
• = START OF WINDING


Similar Part No. - PM5022-150M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM5022-150M-RC BOURNS-PM5022-150M-RC Datasheet
334Kb / 2P
   PM5022 Series - SMD Power Inductor
PM5022-150M-RC BOURNS-PM5022-150M-RC Datasheet
267Kb / 2P
   SMD Power Inductor
More results

Similar Description - PM5022-150M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM5022-680M BOURNS-PM5022-680M Datasheet
334Kb / 2P
   PM5022 Series - SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Tyco Electronics
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
   SMD Unshielded Power Inductor Series
logo
Bourns Electronic Solut...
PM54-100M-RC BOURNS-PM54-100M-RC Datasheet
217Kb / 2P
   PM54 Series - SMD Power Inductor
PM54-221K BOURNS-PM54-221K Datasheet
217Kb / 2P
   PM54 Series - SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com