Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3664-QEG20 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR3664-QEG20
Description  17-27GHz Down-Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3664-QEG20 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR3664-QEG20 Datasheet HTML 1Page - United Monolithic Semiconductors CHR3664-QEG20 Datasheet HTML 2Page - United Monolithic Semiconductors CHR3664-QEG20 Datasheet HTML 3Page - United Monolithic Semiconductors CHR3664-QEG20 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3664-QEG20 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3664-QEG20 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3664-QEG20 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3664-QEG20 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3664-QEG20 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
17-27GHz Down-Converter
CHR3664-QEG
Ref. : DSCHR3664-QEG1192 - 11 Jul 11
3/22
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
5
V
ID+IDL
Drain bias current
450
mA
VGL
LNA DC gate voltage
-2 to +0.4
V
VGM
Mixer DC gate voltage
-2 to +0.4
V
GC2,3
Gain control voltage
-2 to +0.8
V
PRF
Maximum peak input power overdrive
10
dBm
PLO
Maximum LO input power
10
dBm
Tj
Junction temperature
(2)
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
(2) See “Device thermal performances”
Typical Bias Conditions
Tamb.= +25°C
Symbol
Pad N
o
Parameter
Values
Unit
VDL, VD
10, 12
DC drain voltages
4.0
V
ID+IDL
10, 12
Total drain current
320
mA
VGL
9
DC gate voltage
-0.6
V
VGM
11
DC gate voltage
-0.7
V
GC2, GC3
7, 8
Gain control DC voltage
-2 to +0.6
V


Similar Part No. - CHR3664-QEG20

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3664-QEG UMS-CHR3664-QEG Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
More results

Similar Description - CHR3664-QEG20

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
   17-27GHz Variable Gain Amplifier
CHA5056-QGG UMS-CHA5056-QGG Datasheet
1Mb / 12P
   17-27GHz High Power Amplifier
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
   17-24GHz Down Converter
CHA4693-QGG UMS-CHA4693-QGG Datasheet
858Kb / 16P
   17-27GHz Variable Gain Amplifier
CHA5056 UMS-CHA5056 Datasheet
273Kb / 8P
   17-27GHz High Power Amplifier
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292_11 Datasheet
126Kb / 6P
   17-20GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com