Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3664-QEG21 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHR3664-QEG21
Description  17-27GHz Down-Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3664-QEG21 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHR3664-QEG21 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3664-QEG21 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3664-QEG21 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3664-QEG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3664-QEG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3664-QEG21 Datasheet HTML 9Page - United Monolithic Semiconductors CHR3664-QEG21 Datasheet HTML 10Page - United Monolithic Semiconductors CHR3664-QEG21 Datasheet HTML 11Page - United Monolithic Semiconductors CHR3664-QEG21 Datasheet HTML 12Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CHR3664-QEG
17-27GHz Down-Converter
Ref. : DSCHR3664-QEG1192 - 11 Jul 11
8/22
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Board Measurements
Tamb = +25°C, VD = VDL = 4.0V, VGL = -0.6V, VGM = -0.7V, P_LO = 0dBm
Image Rejection on Supradyne & Infradyne Mode versus Frequency
F_IF = 2.0GHz, GCx = -1.5V
Image Rejection on Supradyne & Infradyne Mode versus Frequency
F_IF = 3.5GHz, GCx = -1.5V
0
5
10
15
20
25
30
35
16
17
18
19
20
21
22
23
24
25
26
27
28
RF Frequency (GHz)
USB
LSB
0
5
10
15
20
25
30
35
16
17
18
19
20
21
22
23
24
25
26
27
28
RF Frequency (GHz)
USB
LSB


Similar Part No. - CHR3664-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3664-QEG UMS-CHR3664-QEG Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
More results

Similar Description - CHR3664-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
   17-27GHz Variable Gain Amplifier
CHA5056-QGG UMS-CHA5056-QGG Datasheet
1Mb / 12P
   17-27GHz High Power Amplifier
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
   17-24GHz Down Converter
CHA4693-QGG UMS-CHA4693-QGG Datasheet
858Kb / 16P
   17-27GHz Variable Gain Amplifier
CHA5056 UMS-CHA5056 Datasheet
273Kb / 8P
   17-27GHz High Power Amplifier
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292_11 Datasheet
126Kb / 6P
   17-20GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com