Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3031 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA3031
Description  6-Channel Motor Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3031 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3031 Datasheet HTML 7Page - Fairchild Semiconductor KA3031 Datasheet HTML 8Page - Fairchild Semiconductor KA3031 Datasheet HTML 9Page - Fairchild Semiconductor KA3031 Datasheet HTML 10Page - Fairchild Semiconductor KA3031 Datasheet HTML 11Page - Fairchild Semiconductor KA3031 Datasheet HTML 12Page - Fairchild Semiconductor KA3031 Datasheet HTML 13Page - Fairchild Semiconductor KA3031 Datasheet HTML 14Page - Fairchild Semiconductor KA3031 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
KA3031
11
Electrical Characteristics
(SVCC=PVCC1=PVCC2=8V, Ta=25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Quiescent circuit current
ICC
under no-load
9
12
16
mA
All mute on current
IMUTE ALL Pin 45=GND
-
6
10
mA
All mute on voltage
VMON ALL
Pin 45=Variation
-
-
0.5
V
All mute off voltage
VMOFF ALL Pin 45=Variation
2
-
-
V
CH mute on voltage
VMON CH
Pin 19, 20, 21, 22=Variation
2
-
-
V
CH mute off voltage
VMOFF CH Pin 19, 20, 21, 22=Variation
-
-
0.5
V
DRIVER PART (RL=8
Ω)
Input offset voltage
VIO
-
−20
-
+20
mV
Output offset voltage
VOO
VIN=2.5V
−50
-
+50
mV
Maximum output voltage 1
VOM1
VCC=8V, RL=8
4.0
5.5
-
V
Maximum output voltage 2
VOM2
VCC=13V, RL=24
79
-
V
Closed-loop voltage gain
AVF
VIN=0.1VRMS
9
10.5
12
dB
Ripple rejection ratio
RR
VIN=0.1VRMS, f=120kHz
-
50
-
dB
Slew rate
SR
Square, Vout=2Vp-p, f=120kHz
-
0.8
-
V/
µs
NORMAL OPAMP PART
Input offset voltage
VOF1
-
−10
-
+10
mV
Input bias current
IB1
-
-
-
300
nA
High level output voltage
VOH1
RL=50
66.8
-
V
Low level output voltage
VOL1
RL=50
-1.0
1.8
V
Output sink current
ISINK1
VIN=
−75dB, f=1kHz
10
40
-
mA
Output source current
ISOURCE1 VIN=
−20dB, f=120kHz
10
40
-
mA
Open loop voltage gain
GVO1
Square, Vout=2Vp-p, f=120kHz
-
75
-
dB
Ripple rejection ratio
RR1
VIN=
−20dB, f=1kHz
-
65
-
dB
Slew rate
SR1
-
-
1
-
V/
µs
Common mode rejection ratio
CMRR1
-
-
80
-
dB


Similar Part No. - KA3031

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3030 FAIRCHILD-KA3030 Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3030DTF FAIRCHILD-KA3030DTF Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA3037 FAIRCHILD-KA3037 Datasheet
385Kb / 23P
   7-CH Motor Driver
More results

Similar Description - KA3031

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
   6-Channel Motor Drive IC
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
   6-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA9259D FAIRCHILD-KA9259D Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
FAN8038B FAIRCHILD-FAN8038B Datasheet
249Kb / 16P
   4-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
KA9259HD FAIRCHILD-KA9259HD Datasheet
616Kb / 16P
   5-Channel Motor Drive IC
FAN8038C FAIRCHILD-FAN8038C Datasheet
405Kb / 16P
   4-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
   6 channel LED drive IC
logo
Fairchild Semiconductor
KA7405D FAIRCHILD-KA7405D Datasheet
182Kb / 12P
   2-Channel DC Motor Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com