Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE56A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # P6KE56A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P6KE56A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  P6KE56A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P6KE56A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P6KE56A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P6KE56A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120403
P6KE Series
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSOR
600 Watt Peak Power VOLTAGE- 6.8 to 540 Volts
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Typical IR less than 1µA above 10V
600W surge capability at 1ms
Excellent clamping capability
Low zener impedance
Fast response time: typically less than 1.0 ps from 0 volts to BV min
Pb free product are available : 99% Sn above can meet RoHS environment substance
directive request
H
igh temperature soldering : 260OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
Case: JEDEC DO-15 Molded plastic
Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denoted cathode except Bipolar
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%
RATING
SYMBOL
VALUE
UNITS
Peak Power Dissipation at TA=25°C, TP=1ms(Note 1)
PPK
600
Watts
Steady State Power Dissipation at TL=75°C
Lead Lengths .375",(9.5mm)(Note 2)
PD
5.0
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load(JECED Method) (Note 3)
IFSM
100
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
NOTES:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2.
2. Mounted on Copper Leaf area of 1.57 in2 (40mm2).
3. 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
DO-15
Unit:inch(mm)
.034 (.
86)
.028 (.7
1)
.140 (3.6)
.104 (2.6)
.300 (7.6)
.230 (5.8)
DIA.
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.


Similar Part No. - P6KE56A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
P6KE56A BILIN-P6KE56A Datasheet
256Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
P6KE56A YFWDIODE-P6KE56A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Microdiode Electronics ...
P6KE56A CHENDA-P6KE56A Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
Motorola, Inc
P6KE56A MOTOROLA-P6KE56A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE56A VISHAY-P6KE56A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results

Similar Description - P6KE56A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com