Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX30V Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # ZX30V
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

ZX30V Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  ZX30V Datasheet HTML 1Page - Yea Shin Technology Co., Ltd ZX30V Datasheet HTML 2Page - Yea Shin Technology Co., Ltd ZX30V Datasheet HTML 3Page - Yea Shin Technology Co., Ltd ZX30V Datasheet HTML 4Page - Yea Shin Technology Co., Ltd ZX30V Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Characteristics
0
100
200
300
400
500
600
0
40
80
120
160
200
Temperature [℃]
Ta = 25℃
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VF - Forw ard Voltage [m V]
PD = 500mW
Ta = 25℃
0.001
0.1
10
1000
0
5
10
15
20
25
30
35
40
VZ - Reverse Voltage [V]
f = 1MHz
Ta = 25
1
10
100
1000
0
5
10
15
20
25
30
35
40
VZ - Reverse Voltage [V]
VR = 0V
VR = 2V
VR = 5V
VR = 20V
Ta = 25
0.01
1
100
10000
0
5
10
15
20
25
30
35
40
VZ - Reverse Voltage [V]
Iz=10mA
Iz=5mA
Iz=2mA
Iz=1mA
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance
Figure 5. Reverse Current vs. Reverse Voltage
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage
ZX2V0~ZX39V Series
http://www.yeashin.com
4
REV.02 20120305


Similar Part No. - ZX30V

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX30 DIOTEC-ZX30 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZX30 DIOTEC-ZX30 Datasheet
114Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX30 NJSEMI-ZX30 Datasheet
166Kb / 2P
   Silicon Power Z Diodes
logo
Mini-Circuits
ZX30-12-4 MINI-ZX30-12-4 Datasheet
242Kb / 1P
   Directional Coupler
ZX30-12-4++ MINI-ZX30-12-4+ Datasheet
242Kb / 1P
   Directional Coupler
More results

Similar Description - ZX30V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com