Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZS4762A Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # ZS4762A
Description  1000mW Surface Mount Zener Diodes - 3.3V-100V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

ZS4762A Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  ZS4762A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd ZS4762A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd ZS4762A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd ZS4762A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd ZS4762A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
http://www.yeashin.com
4
REV.03 20130520
ZS47xxA
1
2
3
5
7
10
20
30
50
70
100
1
2
5
7
10
20
50
70
100
200
500
700
1000
FIG.4 Typical Thermal Resistance versus Lead
1
4
2
5
10
20
50
100
8
10
20
50
100
200
300
400
ZENER CURRENT, (mA)
Fig 5. Effect of Zener Current
NOMINAL VZ, (VOLTS)
I = 20 mA
Z
I = 5mA
Z
I = 1mA
Z
50% of breakdown Bias
1V Bias
0V Bias
o
T = 25 C
j
I (ms) = 0.1 I (do)
Z
Z
f=60Hz
25°C
Fig 6. Maximum surge power
Non-Repetitive
INITIAL PULSE
DEVICE CHARACTERISTICS


Similar Part No. - ZS4762A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS4728A FORMOSA-ZS4728A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Weitron Technology
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
SHENZHEN YONGERJIA INDU...
ZS4728A WINNERJOIN-ZS4728A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
logo
Formosa MS
ZS4729A FORMOSA-ZS4729A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZS4762A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
logo
First Components Intern...
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V)
logo
Shanghai Leiditech Elec...
DL47XXA LEIDITECH-DL47XXA Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
First Components Intern...
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com