Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3182CRI Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-3182CRI
Description  ARINC 429 Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3182CRI Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-3182CRI Datasheet HTML 1Page - Holt Integrated Circuits HI-3182CRI Datasheet HTML 2Page - Holt Integrated Circuits HI-3182CRI Datasheet HTML 3Page - Holt Integrated Circuits HI-3182CRI Datasheet HTML 4Page - Holt Integrated Circuits HI-3182CRI Datasheet HTML 5Page - Holt Integrated Circuits HI-3182CRI Datasheet HTML 6Page - Holt Integrated Circuits HI-3182CRI Datasheet HTML 7Page - Holt Integrated Circuits HI-3182CRI Datasheet HTML 8Page - Holt Integrated Circuits HI-3182CRI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITIONS
OPERATING RANGE
MAXIMUM
UNIT
Differential Voltage
V
Voltage between +V and -V terminals
40
V
Supply Voltage
+V
+10.8 to +16.5
V
-V
-10.8 to -16.5
V
V
+5 ±5%
+7
V
Voltage Reference
V
For ARINC 429
+5 ±5%
6
V
For Applications other than ARINC
1.5 to 6
6
V
Input Voltage Range
V
GND -0.3
V
V1 +0.3
V
Output Short-Circuit Duration
See Note: 1
Output Overvoltage Protection
See Note: 2
Operating Temperature Range
T
Industrial
-40 to +85
°C
Extended
-55 to +125
°C
Storage Temperature Range
T
Ceramic & Plastic
-65 to +150
°C
Lead Temperature
Soldering, 10 seconds
+275
°C
Junction Temperature
T
+175
°C
Note 1. Heatsinking may be required for continuous Output Short Circuit at +125°C and for 100KBPS at +125°C.
Note 2. The fuses used for Output Overvoltage Protection may be blown by the presence of a voltage at either output that is greater
than ±12.0V with respect to GND. (HI-3182 & 3184 only)
DIF
1
REF
IN
A
STG
J
>
<
All Voltages referenced to GND, TA = Operating Temperature Range (unless otherwise specified)
ABSOLUTE MAXIMUM RATINGS
SYMBOL
FUNCTION
DESCRIPTION
V
ANALOG
Ref. voltage used to determine output voltage swing. Pin sources current to allow use of a zener reference.
INPUT
A logic high tri-states the ARINC outputs. Not available in the 14-pin SOIC package (tied to GND internally).
SYNC
INPUT
Synchronizes data inputs
DATA (A)
INPUT
Data input terminal A
C
INPUT
Connection for DATA (A) slew-rate capacitor
A
OUTPUT
ARINC output terminal A
-V
POWER
-12V to -15V
GND
POWER
0.0V
+V
POWER
+12V to +15V
B
OUTPUT
B
C
INPUT
DATA (B)
INPUT
B
CLOCK
INPUT
Synchronizes data inputs
V
POWER
+5V ±5%
REF
A
OUT
OUT
B
1
STROBE
ARINC output terminal
Connection for DATA (B) slew-rate capacitor
Data input terminal
PIN DESCRIPTIONS
HI-3182, HI-3183, HI-3184, HI-3185, HI-3186, HI-3188
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-3182CRI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182CRI HOLTIC-HI-3182CRI Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182CRI HOLTIC-HI-3182CRI Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-3182CRI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com