Electronic Components Datasheet Search |
|
P4SMAJ13CA Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd |
|
P4SMAJ13CA Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd |
2 / 5 page P4SMAJ Series Package BreakdownVoltage Test Current Reverse Leakage Max. Clamp Voltage Peak Pulse Current SMA/DO-214AC Reverse Voltage VBR@ T R@ VRWM Part Number VRWM Min. Max. T UNI BI Vc@Ipp Ipp Device Marking Code UNI BI V V V m A µA µA V A UNI BI 400W Transient Voltage Suppresor P4SMAJ5.0 P4SMAJ5.0C 5.0 6.40 7.82 10 800.0 1600.0 9.6 41.7 5.0V 5.0C P4SMAJ5.0A P4SMAJ5.0CA 5.0 6.40 7.07 10 800.0. 1600.0 9.2 43.85 5.0A 5.0D P4SMAJ6.0 P4SMAJ6.0C 6.0 6.67 8.15 10 800.0 1600.0 11.4 35.1 6.0V 6.0C P4SMAJ6.0A P4SMAJ6.0CA 6.0 6.67 7.37 10 800.0 1600.0 10.3 38.8 6.0A 6.0D P4SMAJ6.5 P4SMAJ6.5C 6.5 7.22 8.82 10 500.0 1000.0 12.3 32.5 6.5V 6.5C P4SMAJ6.5A P4SMAJ6.5CA 6.5 7.22 7.98 10 500.0 1000.0 11.2 35.7 6.5A 6.5D P4SMAJ7.0 P4SMAJ7.0C 7.0 7.78 9.51 10 200.0 400.0 13.3 30.1 7.0V 7.0C P4SMAJ7.0A P4SMAJ7.0CA 7.0 7.78 8.60 10 200.0 400.0 12.0 33.3 7.0A 7.0D P4SMAJ7.5 P4SMAJ7.5C 7.5 8.33 10.20 1 100.0 200.0 14.3 28.0 7.5V 7.5C P4SMAJ7.5A P4SMAJ7.5CA 7.5 8.33 9.21 1 100.0 200.0 12.9 31.0 7.5A 7.5C P4SMAJ8.0 P4SMAJ8.0C 8.0 8.89 10.90 1 50.0 100.0 15.0 26.7 8.0V 8.0D P4SMAJ8.0A P4SMAJ8.0CA 8.0 8.89 9.83 1 50.0 100.0 13.6 29.4 8.0A 8.0C P4SMAJ8.5 P4SMAJ8.5C 8.5 9.44 11.50 1 10.0 20.0 15.9 25.2 8.5V 8.5D P4SMAJ8.5A P4SMAJ8.5CA 8.5 9.44 10.40 1 10.0 20.0 14.4 27.8 8.5A 8.5C P4SMAJ9.0 P4SMAJ9.0C 9.0 10.00 12.20 1 5.0 10.0 16.9 23.7 9.0V 9.0D P4SMAJ9.0A P4SMAJ9.0CA 9.0 10.00 11.10 1 5.0 10.0 15.4 26.0 9.0A 9.0C P4SMAJ10 P4SMAJ10C 10.0 11.10 13.60 1 5.0 10.0 18.8 21.3 10V 10D P4SMAJ10A P4SMAJ10CA 10.0 11.10 12.30 1 5.0 10.0 17.0 23.5 10A 10C P4SMAJ11 P4SMAJ11C 11.0 12.20 14.90 1 5.0 5.0 20.1 19.9 11V 11D P4SMAJ11A P4SMAJ11CA 11.0 12.20 13.50 1 5.0 5.0 18.2 22.0 11A 11C P4SMAJ12 P4SMAJ12C 12.0 13.30 16.30 1 5.0 5.0 22.0 18.2 12V 12D P4SMAJ12A P4SMAJ12CA 12.0 13.30 14.70 1 5.0 5.0 19.9 20.1 12A 12C P4SMAJ13 P4SMAJ13C 13.0 14.40 17.60 1 5.0 5.0 23.8 16.8 13V 13D P4SMAJ13A P4SMAJ13CA 13.0 14.40 15.90 1 5.0 5.0 21.5 18.6 13A 13C P4SMAJ14 P4SMAJ14C 14.0 15.60 19.10 1 5.0 5.0 25.8 15.5 14V 14D P4SMAJ14A P4SMAJ14CA 14.0 15.60 17.20 1 5.0 5.0 23.2 17.2 14A 14C P4SMAJ15 P4SMAJ15C 15.0 16.70 20.40 1 5.0 5.0 26.9 14.9 15V 15C P4SMAJ15A P4SMAJ15CA 15.0 16.70 18.50 1 5.0 5.0 24.4 16.4 15A 15D P4SMAJ16 P4SMAJ16C 16.0 17.80 21.80 1 5.0 5.0 28.8 13.9 16V 16C P4SMAJ16A P4SMAJ16CA 16.0 17.80 19.70 1 5.0 5.0 26.0 15.4 16A 16D P4SMAJ17 P4SMAJ17C 17.0 18.90 23.10 1 5.0 5.0 30.5 13.1 17V 17C P4SMAJ17A P4SMAJ17CA 17.0 18.90 20.90 1 5.0 5.0 27.6 14.5 17A 17D P4SMAJ18 P4SMAJ18C 18.0 20.00 24.40 1 5.0 5.0 32.2 12.4 18V 18C P4SMAJ18A P4SMAJ18CA 18.0 20.00 22.10 1 5.0 5.0 29.2 13.7 18A 18D P4SMAJ20 P4SMAJ20C 20.0 22.20 27.10 1 5.0 5.0 35.8 11.2 20V 20C P4SMAJ20A P4SMAJ20CA 20.0 22.20 24.50 1 5.0 5.0 32.4 12.3 20A 20D P4SMAJ22 P4SMAJ22C 22.0 24.40 29.80 1 5.0 5.0 39.4 10.2 22V 22C P4SMAJ22A P4SMAJ22CA 22.0 24.40 26.90 1 5.0 5.0 35.5 11.3 22A 22D P4SMAJ24 P4SMAJ24C 24.0 26.70 32.60 1 5.0 5.0 43.0 9.3 24V 24C P4SMAJ24A P4SMAJ24CA 24.0 26.70 29.50 1 5.0 5.0 38.9 10.3 24A 24D P4SMAJ26 P4SMAJ26C 26.0 28.90 35.30 1 5.0 5.0 46.6 8.6 26V 26C P4SMAJ26A P4SMAJ26CA 26.0 28.90 31.90 1 5.0 5.0 42.1 9.5 26A 26D P4SMAJ28 P4SMAJ28C 28.0 31.10 38.00 1 5.0 5.0 50.0 8.0 28V 28C P4SMAJ28A P4SMAJ28CA 28.0 31.10 34.40 1 5.0 5.0 45.4 8.8 28A 28D P4SMAJ30 P4SMAJ30C 30.0 33.30 40.70 1 5.0 5.0 53.5 7.5 30V 30C P4SMAJ30A P4SMAJ30CA 30.0 33.30 36.80 1 5.0 5.0 48.4 8.3 30A 30D P4SMAJ33 P4SMAJ33C 33.0 36.70 44.90 1 5.0 5.0 59.0 6.8 33V 33C http://www.yeashin.com 2 REV.03 20130403 Stand-of f |
Similar Part No. - P4SMAJ13CA |
|
Similar Description - P4SMAJ13CA |