Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0805-FX-8552ELF Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CR0805-FX-8552ELF
Description  Bourns Chip Resistors and Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0805-FX-8552ELF Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CR0805-FX-8552ELF Datasheet HTML 1Page - Bourns Electronic Solutions CR0805-FX-8552ELF Datasheet HTML 2Page - Bourns Electronic Solutions CR0805-FX-8552ELF Datasheet HTML 3Page - Bourns Electronic Solutions CR0805-FX-8552ELF Datasheet HTML 4Page - Bourns Electronic Solutions CR0805-FX-8552ELF Datasheet HTML 5Page - Bourns Electronic Solutions CR0805-FX-8552ELF Datasheet HTML 6Page - Bourns Electronic Solutions CR0805-FX-8552ELF Datasheet HTML 7Page - Bourns Electronic Solutions CR0805-FX-8552ELF Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CAT25
Chip Arrays Summary
Available Types:
• Thick-Film Chip Resistor Arrays
Available Ranges:
• 5 % in E24 series
• 1 % in E96 + E24 series
Chip Arrays:
CAT10, CAT16, CAT25
CAY10, CAY16, CAY17
5 % and 1 %
5 % and 1 %
Chip Arrays Lab Kits for CAT16 and CAY16 are available.
Packaging:
Tape and reel
Applications:
Bourns offers seven sizes of Chip Resistor
Arrays for most market requirements with
bussed and isolated circuits.
Chip Arrays
• CAY Termination (Convex)
- CAY10, CAY16, CAY17
• CAT Termination (Concave)
- CAT10, CAT16, CAT25
• 2, 4 or 8 Resistor Arrays
CAY10-J2
CAT10-J4
CAY16
CAY10
CAY17
Chip Arrays Convex Terminals
CAY16-J4, F4, J8
(1206/1506)
CAT16-J4, F4, J8
(1206/1506)
CAT10-J4
(0804)
CAT17
(1206)
CAT16-J2, F2
(0606)
CAT10-J2
(0404)
CAY10-J4
(0804)
CAY17
(1206)
CAY16-J2
(0606)
CAY10-J2
(0404)
Chip Arrays Concave Terminals


Similar Part No. - CR0805-FX-8552ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0805-FX-8200GLF BOURNS-CR0805-FX-8200GLF Datasheet
260Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-8252EAS BOURNS-CR0805-FX-8252EAS Datasheet
260Kb / 5P
   Chip Resistors
CR0805-FX-8252ELF BOURNS-CR0805-FX-8252ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-8252ELF BOURNS-CR0805-FX-8252ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
CR0805-FX-8252ELF BOURNS-CR0805-FX-8252ELF Datasheet
218Kb / 5P
   CR0603/CR0805/CR1206 - Chip Resistors
More results

Similar Description - CR0805-FX-8552ELF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
741C083 ETC1-741C083 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
CN24JTN0 ETC-CN24JTN0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com