Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3426 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3426
Description  16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3426 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3426 Datasheet HTML 2Page - Microchip Technology MCP3426 Datasheet HTML 3Page - Microchip Technology MCP3426 Datasheet HTML 4Page - Microchip Technology MCP3426 Datasheet HTML 5Page - Microchip Technology MCP3426 Datasheet HTML 6Page - Microchip Technology MCP3426 Datasheet HTML 7Page - Microchip Technology MCP3426 Datasheet HTML 8Page - Microchip Technology MCP3426 Datasheet HTML 9Page - Microchip Technology MCP3426 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
MCP3426/7/8
DS22226A-page 6
© 2009 Microchip Technology Inc.
Offset Error
VOS
30
µV
PGA = 1
DR = 15 SPS
Offset Drift vs. Temperature
50
nV/°C
Common-Mode Rejection
105
dB
at DC and PGA =1,
110
dB
at DC and PGA =8, TA = +25°C
Gain vs. VDD
5
ppm/V
TA = +25°C, VDD = 2.7V to 5.5V,
PGA = 1
Power Supply Rejection at DC
Input
100
dB
TA = +25°C, VDD = 2.7V to 5.5V,
PGA = 1
Power Requirements
Voltage Range
VDD
2.7
5.5
V
Supply Current during
Conversion
IDDA
145
180
µA
VDD = 5.0V
135
µA
VDD = 3.0V
Supply Current during Standby
Mode
IDDS
—0.3
1
µA
VDD = 5.0V
I2C Digital Inputs and Digital Outputs
High level input voltage
VIH
0.7VDD
—VDD
V
at SDA and SCL pins
Low level input voltage
VIL
0.3VDD
V
at SDA and SCL pins
Low level output voltage
VOL
——
0.4
V
I
OL = 3 mA
Hysteresis of Schmidt Trigger
for inputs (Note 7)
VHYST
0.05VDD
——
V
fSCL = 100 kHz
Supply Current when I2C bus
line is active
IDDB
10
µA
Device is in standby mode while
I2C bus is active
Input Leakage Current
IILH
——
1
µA
VIH = 5.5V
IILL
-1
µA
VIL = GND
Logic Status of I2C Address Pins (Note 8)
Adr0 and Adr1 Pins
Addr_Low
VSS
—0.2VDD
V
The device reads logic low.
Adr0 and Adr1 Pins
Addr_High
0.75VDD
—VDD
V
The device reads logic high.
Adr0 and Adr1 Pins
Addr_Float
0.35VDD
—0.6VDD
V
Read pin voltage if voltage is
applied to the address pin.
(Note 9)
—VDD/2
Device outputs float output
voltage (VDD/2) on the address
pin, if left “floating”. (Note 10)
Pin Capacitance and I2C Bus Capacitance
Pin capacitance
CPIN
—4
10
pF
I2C Bus Capacitance
Cb
——
400
pF
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +85°C, VDD = +5.0V, VSS = 0V,
CHn+ = CHn- = VREF/2, VINCOM = VREF /2. All ppm units use 2*VREF as differential full scale range.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
Any input voltage below or greater than this voltage causes leakage current through the ESD diodes at the input pins.
This parameter is ensured by characterization and not 100% tested.
2:
This input impedance is due to 3.2 pF internal input sampling capacitor.
3:
This parameter is ensured by design and not 100% tested.
4:
The total conversion speed includes auto-calibration of offset and gain.
5:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
6:
Includes all errors from on-board PGA and VREF.
7:
This parameter is ensured by characterization and not 100% tested.
8:
MCP3427 and MCP3428 only.
9:
Addr_Float voltage is applied at address pin.
10: No voltage is applied at address pin (left “floating”).


Similar Part No. - MCP3426

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3426-EMC MAXIM-MCP3426-EMC Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3426-EMF MAXIM-MCP3426-EMF Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3426-EMS MAXIM-MCP3426-EMS Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3426-ESL MAXIM-MCP3426-ESL Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
More results

Similar Description - MCP3426

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3422 MICROCHIP-MCP3422 Datasheet
1Mb / 58P
   18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
2009
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
logo
Microchip Technology
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com