Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3428 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3428
Description  16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3428 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3428 Datasheet HTML 5Page - Microchip Technology MCP3428 Datasheet HTML 6Page - Microchip Technology MCP3428 Datasheet HTML 7Page - Microchip Technology MCP3428 Datasheet HTML 8Page - Microchip Technology MCP3428 Datasheet HTML 9Page - Microchip Technology MCP3428 Datasheet HTML 10Page - Microchip Technology MCP3428 Datasheet HTML 11Page - Microchip Technology MCP3428 Datasheet HTML 12Page - Microchip Technology MCP3428 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
© 2009 Microchip Technology Inc.
DS22226A-page 9
MCP3426/7/8
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = -40°C to +85°C, VDD = +5.0V, VSS = 0V, CHn+ = CHn- = VREF/2,
VINCOM = VREF/2.
FIGURE 2-1:
INL vs. Supply Voltage
(VDD).
FIGURE 2-2:
INL vs. Temperature.
FIGURE 2-3:
Offset Error vs.
Temperature.
FIGURE 2-4:
Output Noise vs. Input
Voltage.
FIGURE 2-5:
Total Error vs. Input Voltage.
FIGURE 2-6:
Gain Error vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.001
0.002
0.003
0.004
0.005
2.533.544.555.5
VDD (V)
PGA = 1
PGA = 4
PGA = 8
PGA = 2
0
0.001
0.002
0.003
0.004
0.005
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (
oC)
2.7V
5V
-25
-20
-15
-10
-5
0
5
10
15
20
-40 -20
0
20
40
60
80 100 120 140
Temperature (
oC)
VDD = 5V
PGA = 1
PGA = 2
PGA = 4
PGA = 8
0
2
4
6
8
10
12
-100
-75
-50
-25
0
25
50
75
100
Input Signal (% of FSR)
PGA = 1
PGA = 8
PGA = 4
PGA = 2
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-100
-75
-50
-25
0
25
50
75
100
Input Voltage (% of Full-Scale)
PGA = 1
PGA = 8
PGA = 4
PGA = 2
TA = +25°C
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
PGA = 1
PGA = 2
PGA = 4
PGA = 8


Similar Part No. - MCP3428

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MCP3428 MAXIM-MCP3428 Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3428-EMC MAXIM-MCP3428-EMC Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3428-EMF MAXIM-MCP3428-EMF Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3428-EMS MAXIM-MCP3428-EMS Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
MCP3428-ESL MAXIM-MCP3428-ESL Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
More results

Similar Description - MCP3428

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3422 MICROCHIP-MCP3422 Datasheet
1Mb / 58P
   18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
2009
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
logo
Microchip Technology
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com