Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3182PJM Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-3182PJM
Description  ARINC 429 Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3182PJM Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-3182PJM Datasheet HTML 4Page - Holt Integrated Circuits HI-3182PJM Datasheet HTML 5Page - Holt Integrated Circuits HI-3182PJM Datasheet HTML 6Page - Holt Integrated Circuits HI-3182PJM Datasheet HTML 7Page - Holt Integrated Circuits HI-3182PJM Datasheet HTML 8Page - Holt Integrated Circuits HI-3182PJM Datasheet HTML 9Page - Holt Integrated Circuits HI-3182PJM Datasheet HTML 10Page - Holt Integrated Circuits HI-3182PJM Datasheet HTML 11Page - Holt Integrated Circuits HI-3182PJM Datasheet HTML 12Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HI-318X PACKAGE DIMENSIONS
14-PIN PLASTIC SMALL OUTLINE (ESOIC) - NB
(Narrow Body, Thermally Enhanced)
inches (millimeters)
Package Type: 14HNE
.033 ± .017
(.838 ± .43)
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
0
° to 8°
Detail A
.0025 ± .0015
(.0635 ± .04)
°°
.0165 ± .003
(.419 ± .089)
.341 ± .004
(8.65 ± .10)
.0085 ± .001
(.220 ± .029)
See Detail A
.153 ± .003
(3.87 ± .06)
Top View
Bottom
View
.270
(6.86)
.100
(2.54)
.055 ± .005
(1.397 ± .13)
.050
(1.27)
BSC
.236 ± .008
(6.00 ± .20)
typ
typ
16-PIN PLASTIC SMALL OUTLINE (ESOIC) - NB
(Narrow Body, Thermally Enhanced)
inches (millimeters)
Package Type: 16HNE
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
0
° to 8°
Detail A
.033 ± .017
(.838 ± .43)
°°
.061 ± .007
(1.55 ± .18)
.0165 ± .003
(.419 ± .09)
.390 ± .004
(9.90 ± .10)
.236
±.008
(5.99
±.20)
.0086 ±
.0015
See Detail A
.1525 ± .003
(2.87 ± .06)
Top View
Bottom
View
.10
(2.54)
.050
(1.27)
BSC
typ
.270
(6.86)
typ
.0025 ± .0015
(.0635 ± .04)
Electrically isolated heat sink
pad on bottom of package.
Connect to any ground or
power plane for optimum
thermal dissipation.
Electrically isolated heat sink
pad on bottom of package.
Connect to any ground or
power plane for optimum
thermal dissipation.
HOLT INTEGRATED CIRCUITS
9


Similar Part No. - HI-3182PJM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182PJM HOLTIC-HI-3182PJM Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PJMF HOLTIC-HI-3182PJMF Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-3182PJM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com