Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3084DTF Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA3084DTF
Description  Bi-Directional DC Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3084DTF Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3084DTF Datasheet HTML 6Page - Fairchild Semiconductor KA3084DTF Datasheet HTML 7Page - Fairchild Semiconductor KA3084DTF Datasheet HTML 8Page - Fairchild Semiconductor KA3084DTF Datasheet HTML 9Page - Fairchild Semiconductor KA3084DTF Datasheet HTML 10Page - Fairchild Semiconductor KA3084DTF Datasheet HTML 11Page - Fairchild Semiconductor KA3084DTF Datasheet HTML 12Page - Fairchild Semiconductor KA3084DTF Datasheet HTML 13Page - Fairchild Semiconductor KA3084DTF Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
KA3084D
11
Typical Performance Characteristics
0
1
2
3
4
5
-30-20-10 0
10 20 30 40 50 60 70 80 90
VCTL = 0V
VCC = 12V
Temperature(℃)
0.0
1.0
2.0
3.0
4.0
5.0
0
2
4
6
8
10 1214 16 1820
VCC(V)
VCTL = 0V
0
2
4
6
8
10
12
8
1012
1416
18
VCTL = 3.5V
RL = 10 KΩ
VCC(V)
0.38
0.43
0.48
0.53
0.58
0.63
8
10
121416
18
V CTL = 3.5V
V CC(V)
500
550
600
650
700
750
800
850
900
8
1012
1416
18
VCTL = 3.5V
RL = 10KΩ
VCC(V)
500
550
600
650
700
750
800
850
900
8
1012
14
1618
VCTL = 3.5V
RL = 10KΩ
VCC(V)
1.VCC vs VREG
2.Temp. vs VREG
3.VCC vs ICC
4.VCC vs GM1
6.VCC vs IOB
5.VCC vs IOA
VCTL = 3.5V
RL = 10K
Temperature(
°C)
VCTL = 3.5V
RL = 10K
VCTL = 3.5V
RL = 10K


Similar Part No. - KA3084DTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BD FAIRCHILD-KA3080BD Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BD3 FAIRCHILD-KA3080BD3 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BD3TF FAIRCHILD-KA3080BD3TF Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
KA3080BDTF FAIRCHILD-KA3080BDTF Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
More results

Similar Description - KA3084DTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8082 FAIRCHILD-FAN8082 Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
KA3082 FAIRCHILD-KA3082 Datasheet
109Kb / 12P
   Bi-Directional DC Motor Driver
logo
Interpion semiconductor
IP8082BL INTERPION-IP8082BL Datasheet
186Kb / 7P
   Bi-directional DC Motor Driver
JAN 2007
logo
Fairchild Semiconductor
KA8301L FAIRCHILD-KA8301L Datasheet
399Kb / 12P
   Bi-Directional DC Motor Driver
KA8301 FAIRCHILD-KA8301 Datasheet
393Kb / 13P
   Bi-Directional DC Motor Driver
FAN8082D FAIRCHILD-FAN8082D Datasheet
95Kb / 12P
   Bi-directional DC Motor Driver
logo
Elite Enterprises (H.K....
EMD811 ELITE-EMD811 Datasheet
98Kb / 3P
   BI-DIRECTIONAL DC MOTOR DRIVER
logo
List of Unclassifed Man...
AT5608 ETC-AT5608 Datasheet
206Kb / 7P
   Bi-directional Motor Driver
logo
Aimtron Technology
AT5609 AIMTRON-AT5609 Datasheet
174Kb / 5P
   Bi-directional Motor Driver
logo
Mitsubishi Electric Sem...
M54542L MITSUBISHI-M54542L Datasheet
149Kb / 3P
   BI-DIRECTIONAL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com