Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0603-BU-8552ELF Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # CR0603-BU-8552ELF
Description  Bourns Chip Resistors and Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CR0603-BU-8552ELF Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  CR0603-BU-8552ELF Datasheet HTML 1Page - Bourns Electronic Solutions CR0603-BU-8552ELF Datasheet HTML 2Page - Bourns Electronic Solutions CR0603-BU-8552ELF Datasheet HTML 3Page - Bourns Electronic Solutions CR0603-BU-8552ELF Datasheet HTML 4Page - Bourns Electronic Solutions CR0603-BU-8552ELF Datasheet HTML 5Page - Bourns Electronic Solutions CR0603-BU-8552ELF Datasheet HTML 6Page - Bourns Electronic Solutions CR0603-BU-8552ELF Datasheet HTML 7Page - Bourns Electronic Solutions CR0603-BU-8552ELF Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Chip Arrays Summary
Bourns
Model
Density
Package Size
(EIA)
Package Size
(Metric - mm)
CAT10-J4
0402 x 4
0804
2.0 x 1.0
CAT16-J2
0603 x 2
0606
1.6 x 1.6
CAT16-J4
0603 x 4
1206
3.2 x 1.6
CAT16-J8
0603 x 8
2506
6.4 x 1.6
CAT25
0804 x 4
1608
4.0 x 2.1
CAY10-J2
0402 x 2
0404
1.0 x 1.0
CAY10-J4
0402 x 4
0804
2.0 x 1.0
CAY16-J2
0603 x 2
0606
1.6 x 1.6
CAY16-J4
0603 x 4
1206
3.2 x 1.6
CAY16-J8
0602 x 8
1506
3.8 x 1.6
CAY17
0603 x 5
1206
3.2 x 1.6
How to Order
CA
T
10
-
103
J
4
LF
Chip Arrays
Type
• T = Concave
• Y = Convex (CAY10/16/17)
Model
• 10 = 0804 Package Size
• 16 = xx06
• 17 = 1206
• 25 = 1608
Resistance Code
• 103 = 10K ohms (Two significant digits; 3rd digit is number of zeroes following.)
• 000 = Zero-ohm Jumper
Resistance Tolerance
• J= ±5 %
• F= ±1 %
Resistors Qunatity
• 4 = 4 Resistors
• 2 = 2 Resistors (For CAY10 models)
• 8 = 8 Resistors (For CAY16/CAT16 models)
• A = 8 Resistors (For CAT25)
• A = Common from Terminal 5 to 10 (CAY17)
• B = Common from Terminal 1 to 6 (CAY17)
Terminations
• LF = Tin-Plated (Lead Free)
Note: CAT16 available as J2, F4, J4, F8, J8; CAY16 available as J2, F4, J4, J8.
CAT10-103-J4


Similar Part No. - CR0603-BU-8552ELF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CR0603-10W-1001F SKYWORKS-CR0603-10W-1001F Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
logo
Silicon Laboratories
CR0603-10W-102J SILABS-CR0603-10W-102J Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
CR0603-10W-103J SILABS-CR0603-10W-103J Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
logo
Skyworks Solutions Inc.
CR0603-10W-1200F SKYWORKS-CR0603-10W-1200F Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
CR0603-10W-1200F SKYWORKS-CR0603-10W-1200F Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
More results

Similar Description - CR0603-BU-8552ELF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
741C083 ETC1-741C083 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
CN24JTN0 ETC-CN24JTN0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Convex)
SCRA024R UNIOHM-SCRA024R Datasheet
1Mb / 2P
   Thick Film Chip Resistors Arrays (Lead Free-Convex)
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com