Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV70W-AU Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BAV70W-AU
Description  SURFACE MOUNT SWITCHING DIODES Fast switching speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAV70W-AU Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BAV70W-AU Datasheet HTML 1Page - Pan Jit International Inc. BAV70W-AU Datasheet HTML 2Page - Pan Jit International Inc. BAV70W-AU Datasheet HTML 3Page - Pan Jit International Inc. BAV70W-AU Datasheet HTML 4Page - Pan Jit International Inc. BAV70W-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3K per 7” plastic Reel
ORDER INFORMATION
SOT-323
0.026
(0.66)
0.026
(0.65)
0.026
(0.65)
Unit inch(mm)
March 30,2012-REV.03
BAW56W
,BAV70W
,BAV99W
,BAL99W


Similar Part No. - BAV70W-AU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70W-7 DIODES-BAV70W-7 Datasheet
69Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30063 Rev. 2 - 1
BAV70W-7-F DIODES-BAV70W-7-F Datasheet
79Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30063 Rev. 7 - 2
BAV70W-7-F DIODES-BAV70W-7-F Datasheet
124Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30063 Rev. 9 - 2
BAV70W-7-F DIODES-BAV70W-7-F Datasheet
99Kb / 5P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV70W-7-F DIODES-BAV70W-7-F Datasheet
353Kb / 5P
   DUAL SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAV70W-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16-AU PANJIT-BAS16-AU Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56-AU PANJIT-BAW56-AU Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAS40-AU PANJIT-BAS40-AU Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
BAS70-AU PANJIT-BAS70-AU Datasheet
274Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com