Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002K-AU_TU_00001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # 2N7002K-AU_TU_00001
Description  60V N-Channel Enhancement Mode MOSFET - ESD Protected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N7002K-AU_TU_00001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  2N7002K-AU_TU_00001 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002K-AU_TU_00001 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002K-AU_TU_00001 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002K-AU_TU_00001 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002K-AU_TU_00001 Datasheet HTML 5Page - Pan Jit International Inc. 2N7002K-AU_TU_00001 Datasheet HTML 6Page - Pan Jit International Inc. 2N7002K-AU_TU_00001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PAGE . 4
October 29,2010-REV.02
Fig.6 - Gate Charge Waveform
Fig.8 - Threshold Voltage vs Temperature
Fig.7 - Gate Charge
Fig.9 - Breakdown Voltage vs Junction Temperature
Fig.10 - Source-Drain Diode Forward Voltage
Qgd
Qgs
Qg
Qsw
Vgs(th)
Vgs
Qg
Qg(th)
Qg - Gate Charge (nC)
TJ - Junction Temperature ( C)
TJ - Junction Temperature ( oC)
VSD - Source-to-Drain Voltage (V)
Fig.11 - Capacitance vs Drain to Source Voltage
VDS - Drain-to-Source Voltage (V)
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
VDS=10V
ID =250mA
72
74
76
78
80
82
84
86
88
-50 -25
0
25
50
75
100 125 150
ID = 250 A
m
0.7
0.8
0.9
1
1.1
1.2
-50 -25
0
25
50
75
100 125 150
ID =250 A
m
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VGS =0V
25oC
-55oC
TJ =125oC
0
10
20
30
40
50
60
70
0
5
10
15
20
25
Ciss
f=1MHz
VGS =0V
Crss
Coss
2N7002K-AU


Similar Part No. - 2N7002K-AU_TU_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results

Similar Description - 2N7002K-AU_TU_00001

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW PANJIT-2N7002KDW_10 Datasheet
119Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB PANJIT-2N7002KTB Datasheet
117Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB6 PANJIT-2N7002KTB6 Datasheet
150Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com